PART |
Description |
Maker |
CS10.244 |
24V, 10A, SINGLE PHASE INPUT
|
PULS GmbH
|
ML100.200 |
24V 4.2A, TWO-PHASE INPUT
|
PULS GmbH
|
CP20.241-C1 CP20.241-S2 CP20.241-S1 |
24V, 20A, SINGLE PHASE INPUT
|
PULS GmbH
|
FAN21SV04 FAN21SV04EMPX FAN21SV04MPX |
TinyBuck?/a> 4A, 24V Single-Input Integrated Synchronous Buck Regulator TinyBuck垄芒 4A, 24V Single-Input Integrated Synchronous Buck Regulator
|
Fairchild Semiconductor
|
GBPC4000S GBPC4001S GBPC4002S GBPC4004S GBPC4006S |
40A GLASS PASSIVATED HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
|
WTE[Won-Top Electronics]
|
UF40.241 |
24V, 40A, 160MS, BUFFER MODULE
|
PULS GmbH
|
6EP1434-2BA00 6EP1436-2BA00 6EP1437-2BA00 6EP1437- |
PSU 24V 40A DIN RAIL PSU 24V 10A DIN RAIL 电源24V0A条导 10-Port Constant-Current LED Drivers and I/O Expanders with PWM Intensity Control 电源24V0A条导
|
HIROSE ELECTRIC Co., Ltd.
|
P6MU-2415EH40 P6MU-0505EH40 P6MU-0512EH40 P6MU-120 |
Input voltage: 5V, output voltage 12V (84mA), 4KV isolated 1W unregulated single output Input voltage:12V, output voltage 12V (84mA), 4KV isolated 1W unregulated single output Input voltage:24V, output voltage 5V (200mA), 4KV isolated 1W unregulated single output Input voltage:24V, output voltage 15V (67mA), 4KV isolated 1W unregulated single output Input voltage:24V, output voltage 12V (84mA), 4KV isolated 1W unregulated single output 4 KV ISOLATED 1W UNREGULATED SINGLE OUTPUT DIP14 4千伏隔震1W的未稳压单输出DIP14 Input voltage: 5V, output voltage 5V (200mA), 4KV isolated 1W unregulated single output
|
Electronic Theatre Controls, Inc. PEAK[PEAK electronics GmbH]
|
P6MU-2415EH52 P6MU-0505EH52 P6MU-0512EH52 P6MU-120 |
Input voltage:5V, output voltage 5V (200mA), 5.2KV isolated 1W unregulated single output Input voltage:12V, output voltage 12V (84mA), 5.2KV isolated 1W unregulated single output Input voltage:5V, output voltage 12V (84mA), 5.2KV isolated 1W unregulated single output Input voltage:24V, output voltage 15V (67mA), 5.2KV isolated 1W unregulated single output Input voltage:12V, output voltage 5V (200mA), 5.2KV isolated 1W unregulated single output Input voltage:24V, output voltage 5V (200mA), 5.2KV isolated 1W unregulated single output Input voltage:24V, output voltage 12V (84mA), 5.2KV isolated 1W unregulated single output 5.2 KV ISOLATED 1W UNREGULATED SINGLE OUTPUT DIP14 5.2千伏隔震1W的未稳压单输出DIP14
|
http:// PEAK[PEAK electronics GmbH]
|
FAN21SV06EMPX12 FAN21SV06MPX12 FAN21SV0612 |
TinyBuck 6 A, 24V Single-Input Integrated Synchronous Buck Regulator with Synchronization Capability
|
Fairchild Semiconductor
|
FAN2110 FAN2110EMPX FAN2110MPX |
TinyBuckT - 10A, 24V Input, Integrated Synchronous Buck Regulator; Package: 25-MLP 5x6; Container: Tape & Reel TinyBuck垄芒, 3-24V Input, 10A, High-Efficiency, Integrated Synchronous Buck Regulator TinyBuck? 3-24V Input, 10A, High-Efficiency, Integrated Synchronous Buck Regulator
|
FAIRCHILD SEMICONDUCTOR CORP
|