PART |
Description |
Maker |
PM3Z96-00240020 |
MIRROR COLUMNS AND DEVICE COLUMNS
|
SICK AG
|
UPD6462GS-XXX UPD6461GS-XXX UPD6461GT-XXX |
OSD LSI for camcorder (128-character type, 12 lines x 24 columns) OSD LSI for camcorder (256-character type, 12 lines x 24 columns)
|
NEC
|
1705303038-17 |
Impact 85 Ohm Plus 3 Pair Right Angle Daughtercard, Left Guide, 8 Columns
|
Molex Electronics Ltd.
|
1703403024-17 |
Impact 85 Ohm Plus 4 Pair, Right Angle Daughtercard, Left Guided, 14 Columns
|
Molex Electronics Ltd.
|
UPD6451AGT-101 UPD6451ACX-001 UPD6451AGT-301 UPD64 |
MOS INTEGRATED CIRCUIT CMOS LSI FOR 12lines X 24 columns CHARACTER DISPLAY ON SCREEN
|
NEC[NEC]
|
0740572503 74057-2503 |
2.00mm (.079) Pitch VHDM? Board-to-Board Backplane Header, Vertical, 6-Row, Open Signal Module, 150 Circuits, 25 Columns 2.00mm (.079) Pitch VHDM庐 Board-to-Board Backplane Header, Vertical, 6-Row, Open Signal Module, 150 Circuits, 25 Columns MOLEX Connector
|
Molex Electronics Ltd.
|
YPKG-C7CG-A7A2DC |
CCGA1272, 37.5 MM X 37.5 MM, 1.0 MM PITCH, 1272 SOLDER COLUMNS, CERAMIC COLUMN GRID ARRAY, DAISY CHAIN PACKAGE
|
Actel Corporation
|
YPKG-BCCG-9287DC |
CCGA1152, 35.0 MM X 35.0 MM, 1.0 MM PITCH, 1152 SOLDER COLUMNS, CERAMIC COLUMN GRID ARRAY, DAISY CHAIN PACKAGE
|
Actel Corporation
|
75341-4444 75465-2104 75237 75650 75649-0104 75827 |
1.85 by 1.85mm (.073 by .073隆卤) Pitch GbX* Backplane Connector System in 2, 3, 4 and 5-Pair Columns 1.85 by 1.85mm (.073 by .073?? Pitch GbX* Backplane Connector System in 2, 3, 4 and 5-Pair Columns 1.85 by 1.85mm (.073 by .073? Pitch GbX* Backplane Connector System in 2, 3, 4 and 5-Pair Columns GbX 2-Pair L-Series 25-Col Right BP Assy 125 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT GbX 2-Pair L-Series 25-Col Left BP Ass'y 125 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT GbX 2-Pair 25-Col. Right End BP Assembly 100 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT 752354104 GbX 2-Pair 10 Column Left Backplane Assy
|
Molex Electronics Ltd. http:// Molex, Inc. MOLEX INC
|
ADL5315ACPZ-R7 ADL5315ACPZ-WP ADL5315 ADL5315-EVAL |
Precision Wide Range (3 nA to 3 mA) High-Side Current Mirror
|
ANALOG DEVICES INC
|
LB11870 LB1187007 |
For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
|
Sanyo Semicon Device
|
|