PART |
Description |
Maker |
AT43USB370 |
Full speed, USB 2.0 compliant host/function processor with embedded USB host stack and device driver firmware. Please
|
Atmel
|
CY7C64713-56LTXC CY7C64713-56LFXC CY7C64713-100AXC |
EZ-USB FX1 USB Microcontroller Full Speed USB Peripheral Controller
|
Cypress Semiconductor
|
CY7C64713-56LFXC CY7C64713-56PVXC |
EZ-USB FX1 USB Microcontroller Full-speed USB Peripheral Controller EZ-USB FX1?USB Microcontroller Full-speed USB Peripheral Controller
|
Cypress Semiconductor
|
FT311D-32L1C FT311D-32Q1C DSFT311D |
The FT311D is a Full Speed USB host specifically targeted at providing access to peripheral hardware from an Android platform with a USB device port.
|
Future Technology Devices International Ltd.
|
CY7C68013A CY7C68013A-100AC CY7C68013A-128AXC CY7C |
CAC 2C 2#12 PIN PLUG 8-BIT, EEPROM, 48 MHz, MICROCONTROLLER, PQFP128 Light Pipe; Mounting Hole Dia:3.5mm; Material:Polycarbonate; Length:10.2mm; Color:Clear; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes EZ-USB FX2LP USB Microcontroller EZ-USB FX2LP(TM) USB Microcontroller High-Speed USB Peripheral Controller
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp.
|
CY7C6421508 CY7C64215-28PVXC CY7C64215-56LFXC |
enCoRe垄芒 III Full Speed USB Controller enCoRe III Full Speed USB Controller
|
Cypress Semiconductor
|
CY7C65620 |
EZ-USB HX2LP Low-Power USB 2.0 Hub Controller Family(EZ-USB HX2LP,低功率 USB 2.0 Hub控制器系 EZ - USB HX2LP低功率USB 2.0集线器控制器家族(的EZ - USB HX2LP,低功率USB 2.0集线器控制器系列
|
Cypress Semiconductor Corp.
|
W81E381 W81E381D W81E381AD |
FULL SPEED USB INTEGRATED MICROCONTROLLER PC & Peripheral IC > Peripheral Device IC > USB Device & Hub
|
WINBOND[Winbond]
|
SN11083 |
4 Pin, DIP, Single Phototransistor Detector, BVCEO 35V, CTR 20 min @ 5mA, 5V Optocoupler USB to Flash Interface Controller, Mass Storage Class Compliant USB to Flash Interface Controller/ Mass Storage Class Compliant
|
SONIX Technology Co., Ltd. SONiX Technology Company
|
XR21V141210 |
2-CH FULL-SPEED USB UART
|
Exar Corporation
|