PART |
Description |
Maker |
GTL2107 GTL2107PW |
12-bit GTL to LVTTL translator with power good control and high-impedance LVTTL and GTL outputs
|
NXP Semiconductors
|
GTL2107PW GTL2008 GTL2008PW GTL2107 |
12-bit GTL to LVTTL translator with power good control and high-impedance LVTTL and GTL outputs
|
PHILIPS[Philips Semiconductors]
|
74GTL1655A 74GTL1655ATTR |
16 BIT LVTTL TO GTL/GTL UNIVERSAL BUS TRANSCEIVERS WITH LIVE INSERTION
|
STMicroelectronics
|
74GTL1655 |
16 BIT LVTTL TO GTL/GTL+ UNIVERSAL BUS TRANSCEIVERS WITH LIVE INSERTION
|
ST Microelectronics
|
GTL1655DGG GTL1655DGG-T NXPSEMICONDUCTORS-GTL1655D |
16-bit LVTTL-to-GTL/GTL bus transceiver with live insertion
|
NXP Semiconductors N.V.
|
GTL1655DGG GTL1655 |
16-bit LVTTL-to-GTL/GTL bus transceiver with live insertion
|
PHILIPS[Philips Semiconductors]
|
GTL2005 |
Quad GTL/GTL+ to LVTTL/TTL
|
Philips
|
ATF1516AS-10UC192 ATF1516AS-15UC192 ATF1516ASL-20U |
High performance EE-based CPDL, 70 MHz High performance EE-based CPDL, 100 MHz High Performance EE-Based CPLD EE PLD, 20 ns, PPGA192 High Performance EE-Based CPLD EE PLD, 20 ns, PQFP160 ER 4C 4#8 SKT RECP LINE 320 x 240 pixel format, LED or CFL Backlight OSC 5V SMT 7X5 CMOS PROGRM KVM INTERCONNECT MODULE CABLE
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
GAL16V8D-20QPI GAL16V8D-20QJI GAL16V8D-7LP GAL16V8 |
Aluminum Snap-In Capacitor; Capacitance: 2700uF; Voltage: 160V; Case Size: 30x50 mm; Packaging: Bulk High Performance E2CMOS PLD Generic Array Logic EE PLD, 25 ns, PQCC20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 3.5 ns, PQCC20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 7.5 ns, PDIP20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 15 ns, PDIP20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 7.5 ns, PDSO20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 25 ns, PDIP20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 15 ns, PQCC20 IC,MICROCONTROLLER,8-BIT,68HC08 CPU,CMOS,DIP,8PIN,PLASTIC RoHS Compliant: No
|
Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
LT1585-1.5 LT1585A-1.5 LT1585CT-1.5 LT1585ACM-1.5 |
7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed; Package: DD PAK; No of Pins: 3; Temperature Range: 0°C to 70°C Fixed 1.5V/ 4.6A and 5A Low Dropout/ Fast Response GTL Regulators Fixed 1.5V, 4.6A and 5A Low Dropout, Fast Response GTL Regulators Fixed 1.5V, 4.6A and 5A Low Dropout, Fast Response GTL Regulators Fixed 1.5V/ 4.6A and 5A Low Dropout/ Fast Response GTL Regulators
|
Linear Technology Corporation LINER[Linear Technology]
|
ATF1500A ATF1500A-10AI ATF1500A-10JC ATF1500A-10JI |
High Performance E2 PLD FLASH PLD, 20 ns, PQCC44 High Performance E2 PLD FLASH PLD, 12 ns, PQCC44 High Performance E2 PLD FLASH PLD, 10 ns, PQCC44 Connector Cover; Enclosure Material:Thermoplastic; For Use With:Amphenol Tuchel Ecomate Male Receptacles RoHS Compliant: Yes Crimp Pin Contact; Series:44; Operating Temperature Range /-:-40 C to 125 C; Voltage Rating:205V RoHS Compliant: Yes
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
TS80C51RD2NBSP TS87C51RD2NBSP TS87C51RC2NBSP TS87C |
High performance 8-bit microcontroller ROMless High performance 8-bit microcontroller 64 Kbytes OTP High performance 8-bit microcontroller 32 Kbytes OTP High performance 8-bit microcontroller 16 Kbytes OTP High performance 8-bit microcontroller 32 Kbytes ROM From old datasheet system
|
Atmel Corp
|