PART |
Description |
Maker |
MIC7400-0005YFL |
Interface- Serial Peripherals
|
Microchip
|
MCP23017-E/SSVAO |
Interface- Serial Peripherals
|
Microchip
|
CY7C68013-56LFC CY7C68013-56PVC CY7C68013-56PVCT C |
Universal Serial Bus : USB High-Speed Peripherals
|
Cypress
|
MAX5253 MAX5253ACAP MAX5253ACPP MAX5253AEAP MAX525 |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C SERIAL INPUT LOADING, 16 us SETTLING TIME, 12-BIT DAC, PDIP20 3V / Quad / 12-Bit Voltage-Output DAC with Serial Interface 3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface 3V Quad 12-Bit Voltage-Output DAC with Serial Interface
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
MAX127-MAX128 MAX128 MAX128ACAI MAX128ACNG MAX128A |
Multirange, 5V, 12-Bit DAS with 2-Wire Serial Interface Multirange 5V 12-Bit DAS with 2-Wire Serial Interface Multirange. 5V.12-Bit DAS with 2-Wire Serial Interface Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:15-15 RoHS Compliant: No 多量程,5V的,12位DAS线串行接
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
FM25C160 FM25C160U FM25C160UE FM25C160UV FM25C160U |
SERIAL EEPROM|2KX8|CMOS|DIP|8PIN|PLASTIC 2K X 8 SPI BUS SERIAL EEPROM, PDIP8 16K-Bit SPI?/a> Interface Serial CMOS EEPROM From old datasheet system 16K-Bit SPI Interface Serial CMOS EEPROM 16K-Bit SPI⑩ Interface Serial CMOS EEPROM
|
Fairchild Semiconductor, Corp. http:// FAIRCHILD[Fairchild Semiconductor]
|
CAT5411 CAT5411BI-00-TE13 CAT5411BI-10-TE13 CAT541 |
64-Tap Dual DPP with SPI Interface 132dB SNR Highest Performance Stereo Audio DAC (H/W Control) 28-SSOP -25 to 85 123dB SNR Stereo Audio DAC (S/W Control) 28-SSOP -25 to -40 DUAL 50K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO24 TSSOP-24 DUAL 100K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO24 TSSOP-24 DUAL 10K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO24 TSSOP-24 Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and SPI Interface 双数字可编程电位计(民进党)64丝锥和SPI接口 DUAL 2.5K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO24 TSSOP-24 DUAL 100K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PBGA24
|
CATALYST[Catalyst Semiconductor] 数字电位 ON Semiconductor
|
MC68602 MC6805 |
(M6800 Series) 8 Bit MPU / MCU / Peripherals 8-BIT MPUS, 8-BIT MCUS, 8-BIT PERIPHERALS
|
Motorola, Inc
|
ISL23711 ISL23711WIU10Z ISL23711UIU10Z ISL23711UIU |
Terminal Voltage - 3V or - 5V, 128 Taps IC Serial Interface Terminal Voltage -3V or -5V, 128 Taps IC Serial Interface 终端电压3VV供电28丝锥集成电路串行接口 Volatile Digitally Controlled Potentiometer (XDCP™); Terminal Voltage ±3V or ±5V, 128 Taps I2C Serial Interface; Temperature Range: -40°C to 85°C; Package: 10-MSOP T&R
|
Intersil Corporation Intersil, Corp.
|
AT25DF081A AT25DF081A-MH-T AT25DF081A-MH-Y AT25DF0 |
8-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
|
ATMEL Corporation 聚兴科技股份有限公司
|
R1EX24032ASAS0G R1EX24032ATAS0G |
Two-wire serial interface Two-wire serial interface 32k EEPROM
|
Renesas Electronics Corporation
|
NM25C160 NM25C160LEM8 NM25C160LEMT8 NM25C160LEN NM |
16K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
|
FAIRCHILD[Fairchild Semiconductor]
|