PART |
Description |
Maker |
W5232 W523X W5231 W5233 W5234 |
Power Speech LOW VOLTAGE ADPCM VOICE SYNTHESIZER ADPCM Synthesizer w/ 4 triggers, STA, STB, STC, R0 (6 seconds @6.7K) ADPCM Synthesizer w/ 4 triggers, STA, STB, STC, R0 (12 seconds @6.7K) ADPCM Synthesizer w/ 4 triggers, STA, STB, STC, R0 (9 seconds @6.7K) ADPCM Synthesizer w/ 4 triggers, STA, STB, STC, R0 (3 seconds @6.7K)
|
WINBOND[Winbond] Winbond Electronics
|
MAX4202 MAX4200 MAX4201 MAX4201EVKIT |
Evaluation Kit for the MAX4201 780MHz -3dB Bandwidth, 280MHz 0.1dB Gain Flatness, Excellent Capacitive-Load-Driving Capability
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
2SB1424 |
Low VCE(sat). VCE(sat) = -0.2V (Typ.) (IC/IB = -2A / -0.1A) Excellent DC current gain characteristics.
|
TY Semiconductor Co., Ltd
|
T2.5-4 T10-10 T10-6 T10-8 T25-12 T25-10 T16-10 T16 |
STA-KON Copper Tube Terminals
|
List of Unclassifed Manufacturers
|
C470008 |
OCXO Ultra-High Stability Excellent Temperature Stability SC-Cut Crystal Crystal
|
Vectron International, Inc Vectron International, ...
|
AD806706 AD8067ARTZ-R2 AD8067ARTZ-REEL AD8067 |
High Gain Bandwidth Product, Precision Fast FET?Op Amp High Gain Bandwidth Product, Precision Fast FET⑩ Op Amp High Gain Bandwidth Product, Precision Fast FET?/a> Op Amp High Gain Bandwidth Product, Precision FastFET™ Op Amp; Package: SOT-23; No of Pins: 5; Temperature Range: Industrial OP-AMP, 1000 uV OFFSET-MAX, PDSO5
|
Analog Devices, Inc.
|
STA470-30T2MI STA150-60T2MI |
CAP 470UF 30VDC 20% 7.14 X 16.28MM AXL - Bulk STA Wet Tantalum Capacitors with Hermetic Seal
|
Vishay Sprague
|
LT1995CMS LT1995CDDPBF LT1995IDDPBF LT1995CMSTRPBF |
32MHz, 1000V/μs Gain Selectable Amplifier 30MHz, 1000V/µs Gain Selectable Amplifier; Package: DFN; No of Pins: 10; Temperature Range: 0°C to 70°C INSTRUMENTATION AMPLIFIER, 11500 uV OFFSET-MAX, 32 MHz BAND WIDTH, PDSO10 30MHz, 1000V/µs Gain Selectable Amplifier; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 85°C INSTRUMENTATION AMPLIFIER, 13000 uV OFFSET-MAX, 32 MHz BAND WIDTH, PDSO10 30MHz, 1000V/µs Gain Selectable Amplifier; Package: MSOP; No of Pins: 10; Temperature Range: 0°C to 70°C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
AD600AR-REEL AD600AR-REEL7 AD600JR-REEL AD600JR-RE |
Gain range:0 to 40dB ; -7.5V; 600mW; daual, low noise, wideband variable gain amplifier. For ultrasound and sonar time-gain control, high performance audio and RF AGC systems and signal measurement
|
Analog Devices
|
CCF-2 |
Industrial Power, Flameproof (High Temperature Coating Meets EIA RS-325-A Spec), Small Size, High Power Rating, Excellent High Frequency Characteristics, Low Noise, Low Voltage Coefficient, Tape and Reel Packaging
|
Vishay
|
898-3-R220F 898-3-R330F 898-3-R47KF 898-1-R220F 89 |
1MSPS, 12-Bit ADC in 6 Lead SOT-23; Package: SOT-23; No of Pins: 6; Temperature Range: Industrial 双列直插厚膜电阻网络 Dual, Low Noise, Single-Supply Variable Gain Amplifier; Package: PDIP; No of Pins: 16; Temperature Range: Industrial 双列直插厚膜电阻网络 16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR® ADC; Package: EVALUATION BOARDS; No of Pins: -; Temperature Range: Industrial 双列直插厚膜电阻网络 Miniature Switch, High Precision 双列直插厚膜电阻网络 Dual-In-Line Thick Film Resistor Networks 双列直插厚膜电阻网络
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|