PART |
Description |
Maker |
LT1763 LT1763CS8 LT1763CS8-1.5 LT1763CS8-1.8 LT176 |
500mA, Low Noise, LDO Micropower Regulators 3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO8 500mA, Low Noise, LDO Micropower Regulators 1.8 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO8 500mA/ Low Noise/ LDO Micropower Regulators 500MA, LOW VOLTAGE, VERY LOW DROPOUT LINEAR REGULATOR
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
MAX8902A MAX8902AATA MAX8902BATA |
Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package
|
Maxim Integrated Products
|
SPX3819M5-3-0/TR SPX3819M5-2-5/TR SPX3819M5-3-3/TR |
500mA, Low-Noise LDO Voltage Regulator 500mA的,低噪LDO稳压 500mA, Low-Noise LDO Voltage Regulator 500mA的,低噪声LDO稳压
|
Sipex Corporation Logic PD, Corp. RECOM Electronic GmbH Exar, Corp. TE Connectivity, Ltd.
|
LT1963EST-3.3 LT1963EST-2.5 LT1963EQ LT1963EQ-1.5 |
1.5A, low noise, fast transient response LDO regulator, 1.5V 1.5A, Low Noise, Fast Transient Response LDO Regulators; Package: TO-220; No of Pins: 5; Temperature Range: -40°C to 125°C 1.5A, Low Noise, Fast Transient Response LDO Regulators; Package: DD PAK; No of Pins: 5; Temperature Range: -40°C to 125°C 2.5 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PSSO5 1.5A, Low Noise, Fast Transient Response LDO Regulators; Package: DD PAK; No of Pins: 5; Temperature Range: -40°C to 125°C 1.5 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PSSO5 1.5A, Low Noise, Fast Transient Response LDO Regulators; Package: SOT; No of Pins: 3; Temperature Range: -40°C to 125°C 1.5 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PDSO4 1.5A, Low Noise, Fast Transient Response LDO Regulators; Package: DD PAK; No of Pins: 5; Temperature Range: -40°C to 125°C 3.3 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PSSO5 From old datasheet system VOLT REGULATOR,FIXED, 3.3V,BIPOLAR,SOT-223,3PIN,PLASTIC 1.5A/ Low Noise/ Fast Transient Response LDO Regulators 1.5A, low noise, fast transient response LDO regulator, adjustable
|
Linear Technology, Corp. http:// Linear Integrated Systems Linear Technology Corp
|
BD00GA5WEFJ-E2 BD30GA5WEFJ BDJ2GA5WEFJ-E2 BD90GA5W |
500mA Variable Output LDO Regulators 500mA Fixed Output LDO Regulators
|
ROHM
|
MAX604 MAX604CPA MAX604CSA MAX604EPA MAX604ESA MAX |
5V/3.3V or Adjustable, Low-Dropout, Low IQ, 500mA Linear Regulators Quadruple 2-Input Positive-NOR Gates 20-LCCC -55 to 125 FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.82 V DROPOUT, PDIP8 5V/3.3V or Adjustable, Low-Dropout, Low-IQ, 500mA Linear Regulators FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PDIP8 5V/3.3V or Adjustable, Low-Dropout, Low-IQ, 500mA Linear Regulators FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PDSO8 Quadruple 2-Input Positive-NOR Gates 14-CDIP -55 to 125 Quadruple 2-Input Positive-NAND Gates 20-LCCC -55 to 125 5V/3.3V or Adjustable Low-Dropout Low IQ 500mA Linear Regulators
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
LT1764ETPBF LT1764EFE-2.5TR LT1764EQPBF 1764EFE15 |
3A, Fast Transient Response, Low Noise, LDO Regulators; Package: TO-220; No of Pins: 5; Temperature Range: -40°C to 125°C 1.21 V-20 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.66 V DROPOUT, PZFM5 3A, Fast Transient Response, Low Noise, LDO Regulators; Package: TSSOP; No of Pins: 16; Temperature Range: 0°C to 70°C 2.5 V FIXED POSITIVE LDO REGULATOR, 0.66 V DROPOUT, PDSO16 3A, Fast Transient Response, Low Noise, LDO Regulators; Package: DD PAK; No of Pins: 5; Temperature Range: -40°C to 125°C 1.21 V-20 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.66 V DROPOUT, PSSO5 3A, Fast Transient Response, Low Noise,LDO Regulators 3A, Fast Transient Response, Low Noise, LDO Regulators; Package: TSSOP; No of Pins: 16; Temperature Range: -40°C to 125°C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
ACE509 |
Low noise fast response 500mA LDO regulator
|
ACE Technology
|
LR1120L-XX-AF5-X-R LR1120G-XX-AF5-X-R LR112012 |
500mA, LOW DROPOUT, LOW NOISE ULTRA-FAST WITH SOFT START CMOS LDO REGULATOR
|
Unisonic Technologies
|
CM3016-48SO CM3016-48ST CM3016-48 |
Micropower, 4.75V/500mA Low Noise LDO CMOS Regulator Micropower, 4.75V/500mA Low Noise CMOS LDO Regulator
|
California Micro Device... California Micro Devices Corporation
|
CM3016-48ST CM3016-48 CM3016-48SO |
Micropower, 4.75V/500mA Low Noise CMOS LDO Regulator
|
CALMIRCO[California Micro Devices Corp]
|
RT9167 RT9167-49GB RT9167-49GBR RT9167-49GS RT9167 |
Low-Noise, Fixed Output Voltage,300mA/500mA LDO Regulator
|
Richtek Technology Corp... Richtek Technology Corporation
|
|