PART |
Description |
Maker |
M80-5L1040500-00-000-04-333 |
Datamate 2-Row Mix-Tek Male Horizontal PC Tail Connector, No jackscrews, 4 x 3mm PC Tail signal contacts, 4 x 3.5mm PC Tail Power contacts 8 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5T10422M1-04-331-00-000 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews, 4 x 3mm PC Tail signal contacts, 4 x 3.5mm PC Tail Power contacts 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5T11205M2-00-000-01-311 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 3.5mm board mount, 12 x 3mm PC Tail signal contacts, 1 x 3mm PC Tail Coax contacts 13 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
50-34-8511 02-09-5132 |
P.C. TAIL TERMINAL FEMALE .093/(2.36)DIA Crimp Socket Contact; Contact Material:Brass; Contact Termination:Crimp BRASS, GOLD (30) OVER NICKEL FINISH, PCB TERMINAL
|
Molex Electronics Ltd. Molex, Inc.
|
M20-E041046 |
2.54mm Pitch DIL Vertical PC Tail Socket Assembly, tin, 10 10-way - tuning fork contact 20 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET
|
Harwin PLC
|
M20-E020446 |
2.54mm Pitch DIL Vertical PC Tail Socket Assembly, tin, 4 4-way - twin beam contact 8 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET
|
Harwin PLC
|
M80-5T10422M1-02-331-00-000 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews, 4 x 3mm PC Tail signal contacts, 2 x 3.5mm PC Tail Power contacts
|
HARWIN INC
|
1ZC24 1ZC43 1ZC91 1ZC100 1ZC110 1ZC12 1ZC120 1ZC13 |
ZENER DIODE 1W CONSTANT VOLTAGE REGULATION TELEPHONE, PRINTER USES TOSHIBA ZENER DIODE SILICON DIFFUSED TYPE 240 VAC 3-PH OVER/UNDER VOLT. RLY Card Edge Connector; Number of Contacts:64; Pitch Spacing:1mm; Tail Length:2.30mm; Contact Termination:Solder; Connector Mounting:PC Board; Contact Material:Phosphor Bronze; Contact Plating:Tin; Leaded Process Compatible:Yes surface mount silicon Zener diodes Card Edge Connector; Number of Contacts:36; Pitch Spacing:1mm; Tail Length:2.30mm; Contact Termination:Solder; Connector Mounting:PC Board; Contact Material:Phosphor Bronze; Contact Plating:Tin; Leaded Process Compatible:Yes 东芝稳压二极管硅扩散
|
TOSHIBA[Toshiba Semiconductor] Toshiba Corporation Toshiba, Corp.
|
M80-5T22442M3-03-312-00-000 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 5mm board mount, 24 x 3mm PC Tail signal contacts, 3 x 4.5mm PC Tail Coax contacts
|
HARWIN INC
|
M80-321 M80-322 |
DATAMATE MIX-TEK POWER CONTACT FEMALE VERTICAL PC-TAIL
|
Harwin Plc
|
M80-5000000M1-05-336-00-000 M80-5000000M1-04-331-0 |
5 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, SOLDER Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews, no signal contacts, 4 x 3.5mm PC Tail Power contacts Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews, no signal contacts, 7 x 3.5mm PC Tail Power contacts Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews, no signal contacts, 2 x 3.5mm PC Tail Power contacts
|
HARWIN INC
|
M22-E020642 |
2.00mm Pitch DIL Vertical PC Tail Socket Assembly, tin, 6 6-way - twin beam contact
|
HARWIN INC
|