PART |
Description |
Maker |
M80-8540842 M80-8540845 M80-8542042 M80-8541245 M8 |
DATAMATE DIL VERTICALPC TAIL PLUG ASSEMBLY (RoHS)
|
Harwin Plc
|
M80-8822242 M80-8822245 M80-8820745 M80-8820742 M8 |
DATAMATE SIL VERTICAL PC TAIL PLUG ASSEMBLY LATCHED (RoHS)
|
Harwin Plc
|
M80-8421742 M80-8421745 M80-8420745 M80-8422242 M8 |
DATAMATE 2mm PITCH HORIZONTAL PC TAIL SIL PLUG ASSEMBLY - LATCHED (RoHS)
|
Harwin Plc
|
RIF-2-RSC-LV-120AC |
Pre-assembled relay module with screw connection, consisting of: relay base, power contact relay, plug-in display/interference suppression module, and retaining bracket.
|
PHOENIX CONTACT
|
M80-8561705 B5743-204-M-T-B |
34 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, PLUG BS Datamate L-Tek DIL Male Vertical 9.4mm PC Tail Connector, unlatched, gold, 2 2-way
|
HARWIN INC
|
M80-8520445 |
Datamate L-Tek SIL Male Vertical 3mm PC Tail Connector, unlatched, gold, 4-way 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, PLUG
|
Harwin PLC
|
M80-8263442 |
Datamate L-Tek DIL Male Vertical SMT Connector, unlatched, selective gold tin, 17 17-way 34 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG
|
Harwin PLC
|
ELM4-555 |
EXTRUDED, SELF-RETAINING LED MOUNT
|
List of Unclassifed Man...
|
JANTXV1N5420 JANTX1N5420 JAN1N5420 JANTX1N5415 JAN |
Coiled Cord; Features:6' positive coil memory combats cord stretch out; date coded for traceability; stainless steel spinning style banana plug reduces cord tangles; For Use With:WBB-AFWS Adjustable Fabric Wrist Strap RoHS Compliant: NA Fast Rectifier (100-500ns) RECTIFIERS GROUND CORD, 2X4MM SOCKETS, 5M; Length, lead:15ft RoHS Compliant: NA
|
MICROSEMI CORP-SCOTTSDALE MICROSEMI[Microsemi Corporation]
|
63060 |
ECONOMY WRIST STRAP WITH 7MM SNAP
|
List of Unclassifed Manufacturers
|
SST3S-C SST4H-L SST4I-C |
Sta-Strap ? Cable Ties . Nylon 6.6
|
PANDUIT CORP.
|