PART |
Description |
Maker |
MIC2238 MIC2238-AAYML |
Dual Synchronous 800mA/800mA Step-Down DC/DC Regulator
|
Micrel Semiconductor
|
LTC3407-4 LTC3407EDD-4 |
Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
|
Linear Technology
|
SP6654 SP6654ER SP6654EU SP6654EU_TR SP6654ER_TR S |
High Efficiency 800mA Synchronous Buck Regulator w/power good High Efficiency 800mA Synchronous Buck Regulator Ideal for portable designs powered with Li Ion battery 高效00mA的同步降压稳压器的理想与锂离子电池供电的便携式设
|
SIPEX[Sipex Corporation] Exar, Corp.
|
LTC3548-1 LTC3548EDD-1-PBF LTC3548EDD-1-TRPBF LTC3 |
Dual Synchronous, 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 1.6 A DUAL SWITCHING CONTROLLER, 2700 kHz SWITCHING FREQ-MAX, PDSO10 Dual Synchronous, Fixed Output 2.25MHz Step-Down DC/DC Regulator
|
Linear Technology, Corp.
|
LTC3548-2 LTC3548EDD-2 LTC3548EDD-2TR |
Dual Synchronous, 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 1.6 A DUAL SWITCHING CONTROLLER, 2700 kHz SWITCHING FREQ-MAX, PDSO10 Dual Synchronous, Fixed/Adjustable Output, 2.25MHz Step-Down DC/DC Regulator
|
Linear Technology, Corp.
|
ISL78228ARZ-T |
Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
|
Intersil Corporation
|
LTC3527-1 LTC3527EUD-1 LTC3527EUD-1-PBF LTC3527EUD |
Dual 800mA/400mA, 1.2MHz/2.2MHz Synchronous Step-Up DC/DC Converters
|
Linear Technology
|
LTC3606B |
800mA Synchronous Step-Down DC/DC
|
Linear Technology Corporation
|
MP2105DJ |
1MHz, 800mA Synchronous Step-Down Converter
|
MONOLITHIC POWER SYSTEMS INC
|