PART |
Description |
Maker |
AP131-20YL-13 AP131-20YL-7 AP131-18YL-13 AP131-18Y |
1.5A Fast Ultra Low Dropout Linear Regulators 2.5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO5 300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
|
Diodes, Inc. http:// Diodes Inc. DIODES[Diodes Incorporated]
|
APL5835-18D APL5835-EC-TU APL5835 APL5835-18DC-TR |
2.7 V, 450 mA low dropout linear regulator of adjustable and fixed voltage 450mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages 3A Fixed Low Dropout Linear Regulator (LDO) 2.6 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 1.8 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PBCY3 3A Fixed Low Dropout Linear Regulator (LDO) 3.3 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 3A固定低压差线性稳压器(LDO Multi Turn Trimmer; Series:70; Track Resistance:500ohm; Resistance Tolerance: 10%; Power Rating:1W; Operating Temperature Range:-55 C to C; Resistor Element Material:Cermet; Temperature Coefficient:100 ppm RoHS Compliant: Yes 四百五十○毫安低压差线性稳压器,可调式和固定电
|
ANPEC Electronics Corporation ANPEC[Anpec Electronics Coropration] Anpec Electronics, Corp.
|
MAX8877 MAX8877C_DXY MAX8877EUKXY-T MAX8877-MAX887 |
Low-Noise, Low-Dropout, 150mA Linear Regulators with ?982 Pinout Low-Noise, Low-Dropout, 150mA Linear Regulators with 2982 Pinout From old datasheet system Low-Noise, Low-Dropout, 150mA Linear Regulators with ‘2982 Pinout Low-Noise / Low-Dropout / 150mA Linear Regulators with 2982 Pinout AC Series Door Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Rod Actuator, Silver Contacts, Screw Termination Low-Noise, Low-Dropout, 150mA Linear Regulators with 982 Pinout 低噪声,低压差,150mA的线性稳压器的\u0026#39;2982引脚
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
SC2982CSK-1.8TR SC2982CSK-5.0TR SC2982CSK-4.0TR SC |
5.0V 50mA ultra low dropout, low noise micropower linear regulator 4.0V 50mA ultra low dropout, low noise micropower linear regulator 50mA Ultra Low Dropout/ Low Noise Micropower Linear Regulator 50mA Ultra Low Dropout, Low Noise Micropower Linear Regulator 50mA的超低压差,低噪声微功率线性稳压器
|
SEMTECH[Semtech Corporation] Semtech, Corp.
|
UP7706 |
3A Ultra Low Dropout Linear Regulator
|
uPI Semiconductor
|
EUP7963 |
3A Ultra Low-Dropout Linear Regulator
|
Eutech Microelectronics
|
AZ2940T-3.3 AZ2940_07 AZ2940D-2.5 AZ2940D-2.5E1 AZ |
1A ULTRA LOW DROPOUT LINEAR REGULATOR
|
BCDSEMI
|
EUP7963-25KAIR1 EUP7963-18KAIR1 EUP7963-15KAIR1 EU |
3A Ultra Low-Dropout Linear Regulator
|
Eutech Microelectronics Inc
|
TJ3940S-2.5V-3L TJ3940S-1.5V-3L TJ3940S-1.8V-3L TJ |
1A Ultra Low Dropout Linear Regulator
|
HTC Korea TAEJIN Technology Co.
|
TJ4940S-1.2 TJ4940GRS-2.5-3L TJ4940GRS-1.8-3L TJ49 |
1A Ultra Low Dropout Linear Regulator
|
HTC Korea TAEJIN Technology Co.
|
RT918307 RT9183L-12PG RT9183L-12PGF RT9183L-12PM R |
Ultra Low Dropout 1.5A Linear Regulator
|
Richtek Technology Corp... Richtek Technology Corporation
|