PART |
Description |
Maker |
LA6588M |
Monolithic Linear IC 24V power supply, BTL output linear drive Single-phase Fan Motor IC
|
Sanyo Semicon Device
|
LA6529M |
CD-ROM Drive Three-Channel Bridge (BTL) Driver Monolithic Linear IC CD-ROM Drive Three-Channel Bridge BTL Driver
|
SANYO[Sanyo Semicon Device]
|
MAX16823AUE MAX16823ATE |
High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
|
Maxim Integrated Products
|
MAX1682308 MAX16823ATE |
High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
|
Maxim Integrated Products http://
|
CL325 |
3-Channel 25mA Linear LED Driver
|
Supertex
|
CL330SG-G CL330 |
3-Channel 30mA Linear LED Driver
|
Supertex, Inc
|
ACI-C150070-1969 |
I-DRIVE, 10.5 WATT LED DRIVER (Single Channel 150V, 0-70mA)
|
Applied Concepts Inc.
|
280109-07 280108-06 ABG-12205 |
Plasma Panel Bar Graph Modules Dual Linear Bar Graph with Drive Electronics Interface and DC/DC Converter
|
Vishay Siliconix http://
|
IRHG6110 IRHG63110 IRHG6110P IRHG6110N IRHG6110PBF |
Simple Drive Requirements 100V Dual 2N- and 2P- Channel MOSFET in a MO-036AB package -100V 100kRad Hi-Rel Dual 2N and 2P -Channel TID Hardened MOSFET in a MO-036AB package RADIATION HARDENED POWER MOSFET 100V, Combination 2N-2P-CHANNEL RAD-Hard HEXFET MOSFET TECHNOLOGY 1 A, 100 V, 0.7 ohm, 4 CHANNEL, N AND P-CHANNEL, Si, POWER, MOSFET, MO-036AB
|
IRF[International Rectifier]
|
2SK296802 2SK2968 |
Field Effect Transistor Silicon N Channel MOS Type (pi-MOSIII) Relay Drive, DC .DC Converter and Motor Drive Applications DC−DC Converter, Relay Drive and Motor Drive Applications
|
Toshiba Semiconductor
|
SST406PDIP SST406-PDIP-8 SST406SOIC |
a Low Noise, Low Drift, Monolithic Dual N-Channel JFET 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, JFET PLASTIC, DIP-8 Linear Systems replaces discontinued Siliconix SST406
|
Micross Components
|