PART |
Description |
Maker |
IDT74CBTLV16210 IDT74CBTLV16210PA IDT74CBTLV16210P |
LOW-VOLTAGE 20-BIT BUS SWITCH CBTLV/3B SERIES, DUAL 10-BIT DRIVER, TRUE OUTPUT, PDSO48 LOW-VOLTAGE 20-BIT BUS SWITCH 低电0位总线开
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
L78S75T L78S09C L78S09CT L78S09CV L78S24C |
IC LOGIC 3251 LOW-VOLTAGE 1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER -40 85C QSOP-16 97/TUBE 2A POSITIVE VOLTAGE REGULATORS IC LOGIC 16212 LOW-VOLTAGE 24-BIT FET BUS-EXCHANGE SWITCH -40 85C TSSOP-56 35/TUBE 3.3V, 8-bit,2-port bus switch in 20-pin TSSOP package. Operational temperature range from -40C to 85C. 甲正电压调节
|
意法半导 STMicroelectronics N.V.
|
BYV143-45AM BYV143-45MA BYV143-45RM BYV143-40RM BY |
Very low drop voltage regulators with inhibit IC 16-BIT BUS SWITCH 40BQSOP 20-Bit Bus Switch 30 A, 45 V, SILICON, RECTIFIER DIODE, TO-220AB TO-220, 3 PIN 30 A, 40 V, SILICON, RECTIFIER DIODE, TO-220AB TO-220, 3 PIN 16-Bit Bus Switch w/25 Ohm Resistor 双肖特基二极管中的TO220金属HI.REL应用工具 DUAL SCHOTTKY BARRIER DIODE IN TO220 METAL PACKAGE FOR HI.REL APPLICATIONS 双肖特基二极管中的TO220金属HI.REL应用工具
|
SEMELAB LTD SEME-LAB[Seme LAB] TT electronics Semelab Limited TT electronics Semelab, Ltd.
|
IDT74CBTLVR3862PY IDT74CBTLVR3862PG |
LOW-VOLTAGE 10-BIT BUS SWITCH WITH ACTIVE HIGH AND LOW ENABLES CBTLV/3B SERIES, 10-BIT DRIVER, TRUE OUTPUT, PDSO24
|
Integrated Device Technology, Inc.
|
IDT74CBTLV16245 |
LOW-VOLTAGE 16-BIT BUS SWITCH
|
IDT
|
IDT74CBTLV3384PGG8 IDT74CBTLV3384PG8 |
Low-Voltage 10-Bit Bus Switch
|
IDT
|
IDT74CBTLV3861 IDT74CBTLV3861PG IDT74CBTLV3861PGG |
LOW-VOLTAGE 10-BIT BUS SWITCH
|
Integrated Device Technology
|
IDT74CBTLVR3862 IDT74CBTLVR3862PG IDT74CBTLVR3862P |
LOW-VOLTAGE 10-BIT BUS SWITCH WITH ACTIVE HIGH AND LOW ENABLES
|
IDT Integrated Device Technology
|
IDT74CBTLV16214 |
LOW-VOLTAGE 12-BIT 3:1 MUX / DEMUX BUS SWITCH
|
IDT
|