PART |
Description |
Maker |
AM2833 AM2833PC AM2833DM AM2533 AM2533DC AM2533V A |
Voltage Regulator IC; Output Current:150mA; Output Voltage:2.5V; Package/Case:5-SOT-23; Supply Voltage Max:6V; Current Rating:150mA; Leaded Process Compatible:No; Output Current Max:150mA; Output Voltage Max:2.5V 1024 Bit Static Shift Registers 1024-Bit Static Shift Registers
|
Advanced Micro Devices, Inc. AMD[Advanced Micro Devices]
|
FS100UM-03 |
100 A, 30 V, 0.0054 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220 Bench Power Supply; Output Voltage:30V; Output Current:3A; Number of Outputs:3; Calibrated:Yes; Certificate of Calibration:Yes; Output Current 2:.5A; Output Current 3:.5A; Output Voltage 2:12V; Output Voltage 3:5V HIGH-SPEED SWITCHING USE
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
SPT5240 SPT5240SIT |
10-bit, 400MHz Current Output DAC 10-bit, 400 MWPS Current Output Digital-to-Analog Converter 10-bit / 400 MWPS Current Output Digital-to-Analog Converter
|
Fairchild Semiconductor Corporation
|
AD5556CRU AD5556CRU-REEL7 AD5546 AD5546BRU AD5546B |
Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors Current Output Parallel Input 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors Current-Output Parallel-Input, 14-Bit Digital-to-Analog Converter
|
Analog Devices, Inc. AD[Analog Devices]
|
ST16C654 |
Linear Voltage Regulator IC; Output Current Max:350mA; Supply Voltage Max:6V; Package/Case:8-TSSOP; Output Current:600mA; Output Voltage:5V; Current Rating:30.05A; Leaded Process Compatible:No; Output Voltage Max:5V
|
Exar Corporation
|
DAN217 DAN217U |
Switch Mode Power Supply; Output Power:76.8W; No. of Outputs:1; Output 1 VDC :24VDC; Output Current 1:3.2A; Power Supply Mounting:Chassis; Output Current:3.2A; Output Power Max:76.8W; Output Voltage:24VDC; Series:JWS RoHS Compliant: Yes 开关二极管 Switching diode
|
Rohm Co., Ltd.
|
S218 |
Solid-State Panel Mount Relay; Output Device:Triac; Output Voltage Max:140Vrms; Output Voltage Min:20Vrms; Load Current Max:8A; Switching:Zero Cross; Output Current:8A; Output Type:SCR; Supply Voltage Max:8VDC
|
CRYDOM CORP
|
SSTJ210 SSTJ211 SSTJ212 J210 J211 J212 |
N-Channel JFET UHF BAND, Si, N-CHANNEL, RF SMALL SIGNAL, JFET, TO-92 Voltage Regulator IC; Package/Case:5-SOT-23; Output Current:150mA; Output Voltage:2.6V; Supply Voltage Max:6V; Current Rating:150mA; Leaded Process Compatible:No; Output Current Max:150mA; Output Voltage Max:2.6V RoHS Compliant: No
|
Calogic LLC Calogic LLC CALOGIC[Calogic, LLC]
|
MAX554709 |
Dual, 10-Bit, Current-Sink Output DAC
|
Maxim Integrated Products
|
MAX5851 |
Dual, 8-Bit, 80Msps, Current-Output DAC
|
MAXIM - Dallas Semiconductor
|
AD567SD AD567KD AD567JD_ AD567JD AD6521ACA 5962-87 |
12-Bit Current Output Microprocessor-Compatible DAC
|
Analog Devices
|
LTC2751BCUHF-16PBF LTC2751BCUHF-16TRPBF |
Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
|
Linear Technology
|