PART |
Description |
Maker |
BLK-89 |
Coaxial DC Block SMA 0.0001 to 8 GHz 0.1 MHz - 8000 MHz RF/MICROWAVE INSIDE DC BLOCK, 0.9 dB INSERTION LOSS-MAX Coaxial DC Block SMA 0.0001 to 8 GHz
|
MINI[Mini-Circuits]
|
BYW52 BYW53 BYW56 BYW55 BYW54 |
Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Jacket Color:Black; Leaded Process Compatible:Yes; Voltage Nom.:300V RoHS Compliant: Yes 硅梅萨整流器 Low-Smoke Zero-Halogen (LSZH) Shipboard Precision Low-Loss Serial Analog & Digital Video Coax Cable; Coaxial RG/U Type:11; Impedance:75ohm; Conductor Size AWG:14; No. Strands x Strand Size:Solid RoHS Compliant: Yes 硅梅萨整流器 Low-Smoke Zero-Halogen (LSZH) Shipboard Precision Low-Loss Serial Analog & Digital Video Coax Cable; Coaxial RG/U Type:11; Impedance:75ohm; Conductor From old datasheet system Silicon Mesa Rectifiers
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. Vishay Telefunken
|
CCASMA-MM-LL142-48 CCASMA-MM-LL142-60 CCASMA-MM-LL |
Armored 50 Ohm 18GHz Low Loss Coaxial Cables
|
CRYSTEK CORPORATION
|
AS225-313 AS225-313LF |
PHEMT GaAs IC 1 W Low Loss 0.1-6 GHz SPDT Switch From old datasheet system
|
ETC SKYWORKS[Skyworks Solutions Inc.]
|
PQ1L333M2SP PQ1LXX3M2SP PQ1L253M2SP PQ1L303M2SP PQ |
LOW POWER-LOSS VOLTAGE REGULATOR 低功率损耗的电压调节 Compact Surface Mount Type, Low Output Current, Low Power-Loss Voltage Regulators
|
Sharp, Corp. SHARP[Sharp Electrionic Components]
|
MRF03-6R-SMT-2 MRF03 MRF03-6P-0.8D MRF03-6P-0.8D-2 |
SMT Low-Profile Coaxial Multiple Contact Connectors SMT Low-Profile Coaxial Multiple Contact Connectors 2.54mm Pitch DIL Horizontal PC Tail Socket Assembly, tin, 36 36-way 贴片低轮廓同轴连接器多联 SMT Low-Profile Coaxial Multiple Contact Connectors 贴片低轮廓同轴连接器多联
|
HIROSE[Hirose Electric] Hirose Electric USA, INC. http:// HIROSE ELECTRIC Co., Ltd.
|
MS-156HF |
Subminiature Coaxial Switch 1.35 mm High, DC to 11 GHz
|
List of Unclassifed Man...
|
MS-162-HRMJ-1 MS-162-HRMJ-H1 |
Miniature Interface Coaxial Switch, DC to 10 GHz
|
Hirose Electric
|
3782TNCSERIES |
Fixed Coaxial Attenuators dc18 GHz 固定频率同轴衰减dc18
|
Vishay Intertechnology, Inc.
|