PART |
Description |
Maker |
DW04QR117-TL355 DW04QR117-TL358 DW04QR117TL355 DW0 |
M12 Male 90 Degree to RJ45 Male
|
Alpha Wire
|
DR03GR100 |
M12-A Male to M8 Female
|
Alpha Wire
|
294936 |
Bausatz M12, Female, 8 pol
|
ERNI Electronics
|
3N304-D000-S08BF 78-5100-2558-4 |
INDUSTRIAL M12 WIRE MOUNT, FOR D-CODE, FEMALE, SOLDER TYPE
|
3M Electronics
|
87587-2149 87587-2057 |
1.27mm 25DegDimmCtr/L2.79 .76AuLF 168Ckt 168 CONTACT(S), FEMALE, 25 DEGREE SINGLE PART CARD EDGE CONN, SOLDER 1.27mm 25DegDimm LT/L3.18 .38AuLF 168Ckt 168 CONTACT(S), FEMALE, 25 DEGREE SINGLE PART CARD EDGE CONN, SOLDER
|
Molex, Inc.
|
1200795031 |
Micro-Change (M12) Ultra-Lock Single-Ended Cordset, Female - Pigtail, Straight, 8 Poles
|
Molex Electronics Ltd.
|
AU1920H-A1 |
184 CONTACT(S), FEMALE, 25 DEGREE SINGLE PART CARD EDGE CONN, SOLDER, SOCKET
|
HON HAI PRECISION INDUSTRY CO LTD
|
MRF18060B MRF18060BLSR3 MRF18060BR3 MRF18060BSR3 |
HALL EFFFECT LATCH, SMD, SOT23W-3; Temp, op. min:-40(degree C); Temp, op. max:150(degree C); Pins, No. of:3; Case style:SOT-23W; Base number:3282; Bop, max:150G; Termination Type:SMD; Temperature, operating range:-40(degree C) to RoHS Compliant: Yes RF Power Field Effect Transistors
|
Motorola, Inc. MOTOROLA[Motorola, Inc]
|
MM50-200B1-C1 |
200 CONTACT(S), FEMALE, 25 DEGREE SINGLE PART CARD EDGE CONN, SURFACE MOUNT, SOCKET
|
JAPAN AVIATION ELECTRONICS INDUSTRY LTD
|
MM50-200B1-C1R |
200 CONTACT(S), FEMALE, 25 DEGREE SINGLE PART CARD EDGE CONN, SURFACE MOUNT, SOCKET
|
JAPAN AVIATION ELECTRONICS INDUSTRY LTD
|
1200660891 884030K03M040 SD-120066-020 |
Micro-Change (M12) 4 Pole, Female (Straight) to Male (Straight) Cordset, 4-18 AWG TPE Cable, 4.0M (13.12 ) MOLEX Connector
|
Molex Electronics Ltd.
|
1200660881 884030K03M010 SD-120066-020 |
Micro-Change (M12) 4 Pole, Female (Straight) to Male (Straight) Cordset, 4-18 AWG TPE Cable, 1.0M (3.28 ) MOLEX Connector
|
Molex Electronics Ltd.
|