PART |
Description |
Maker |
AS4C32M16D2A-25BAN |
Fully synchronous operation
|
Alliance Semiconductor ...
|
MS68951 |
Mono 1.1W, Fully Differential Input Excellent PSRR, Low Voltage Operation
|
MOSA ELECTRONICS
|
AM42DL640AG25IT AM42DL640AG45IT AM42DL640AG70IT |
64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) Static RAM 64兆位米8 4x 16位).0伏的CMOS只,同时作业闪存6兆位米16位),静态存储器 64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) Static RAM SPECIALTY MEMORY CIRCUIT, PBGA73
|
Advanced Micro Devices, Inc.
|
HM62V256LFP-8ULT HM62V256LTM-8UL |
32,768-word x 8-bit low voltage operation CMOS static RAM, 85ns
|
Hitachi Semiconductor
|
MDT10C23 MDT10P23 |
8 Bit Micro Controller Fully CMOS static design, 8-bit data bus,On chip ROM size : 2 K words
|
Micon Design Technology ETC List of Unclassifed Manufacturers
|
UPD441000L-X UPD441000LGU-B10X-9JH UPD441000LGU-B8 |
1M-BIT CMOS STATIC RAM 128K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
|
NEC Corp. NEC[NEC]
|
UPD43256BGW-70X-9JL-A UPD43256BGW-70X-9KL-A UPD432 |
256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
|
NEC
|
AM49DL640AH70IS AM49DL640AH85IS AM49DL640AH85IT AM |
64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) Pseudo Static RAM
|
SPANSION[SPANSION]
|
IS75V16F128GS32-7065BI |
3.0 Volt Multi-Chip Package (MCP) 128 Mbit Simultaneous Operation Flash Memory and 32 Mbit Pseudo Static RAM
|
Integrated Silicon Solution Inc
|
IS75V16F128GS32-7065BI |
3.0 Volt Multi-Chip Package (MCP) 128 Mbit Simultaneous Operation Flash Memory and 32 Mbit Pseudo Static RAM
|
Integrated Silicon Solution, Inc.
|