PART |
Description |
Maker |
HCF4000 HCF4000B HCF4001 HCF4001B HCF4002 HCF4002B |
NOR GATE (289.19 k) TRANSISTOR,MOSFET,N-CHANNEL,800V V(BR)DSS,6A I(D),TO-3 RoHS Compliant: Yes T-PNP-SI-AF PO- .75W T-NPN- SI-PO & SW-PD 40 W 或非 MOSFET-PWR N-CH HI SPEED 或非 MOSFET; Transistor Polarity:P Channel; Continuous Drain Current, Id:10.5A; On-Resistance, Rds(on):0.3ohm; Package/Case:3-TO-220; Continuous Drain Current - 100 Deg C:7.5A; Continuous Drain Current - 25 Deg C:10.5A 或非 MOSFET-PWR 800V 4A 或非 NOR GATE 或非 MOSFET-PWR 500V 8A
|
ST Microelectronics SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
IRFF120 IRFF121 IRFF122 IRFF123 |
N-channel enhancement-mode power field-effect transistor. Drain-sourge voltage 60V. Continuous drain current 5.0A. N-channel enhancement-mode power field-effect transistor. Drain-sourge voltage 100V. Continuous drain current 5.0A. N-channel enhancement-mode power field-effect transistor. Drain-sourge voltage 50V. Continuous drain current 6.0A. N-CHANNEL ENHANCEMENT-MODE POWER MOS FIELD-EFFECT TRANSISTORS
|
General Electric Solid State GE Solid State
|
HCS05DMSR FN3557 HCS05MS HCS05D HCS05HMSR HCS05K H |
Inverter, Hex, Open Drain, Rad-Hard, High-Speed, CMOS, Logic From old datasheet system JFET-N-CHANNEL SWITCH Radiation Hardened Hex Inverter with Open Drain HC/UH SERIES, HEX 1-INPUT INVERT GATE, UUC14 JFET; Transistor Polarity:N Channel; Breakdown Voltage, V(br)gss:-30V; Zero Gate Voltage Drain Current Min, Idss:50mA; Gate-Source Cutoff Voltage Max, Vgs(off):-10V; Current Rating:50mA; Voltage Rating:30V
|
INTERSIL[Intersil Corporation] Intersil, Corp. HARRIS SEMICONDUCTOR
|
IRFF130 IRFF131 IRFF132 IRFF133 |
N-channel enhancement-mode power field-effect transistor. Drain-sourge voltage 60V. Continuous drain current 7.0A. N-channel enhancement-mode power field-effect transistor. Drain-sourge voltage 60V. Continuous drain current 8.0A. N-CHANNEL ENHANCEMENT-MODE POWER FIELD-EFFECT TRANSISTORS N-channel enhancement-mode power field-effect transistor. Drain-sourge voltage 100V. Continuous drain current 7.0A.
|
General Electric Solid State GE Solid State
|
MAX11014BGTMT MAX11015BGTM |
Automatic RF MESFET Amplifier Drain-Current Controllers Automatic RF MESFET Amplifier Drain-Current Controllers SPECIALTY CONSUMER CIRCUIT, PQCC48
|
Maxim Integrated Produc... Maxim Integrated Products, Inc.
|
ADM3311 ADM3311E ADM3311EARS-REEL25 ADM3311EARU-RE |
15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceiver with Green Idle?/a> 15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceiver with Green Idle⑩ 15 kV ESD Protected. 2.7 V to 3.6 V Serial Port Transceiver with Green Idle JFET; Breakdown Voltage, V(br)gss:40V; Zero Gate Voltage Drain Current Min, Idss:-4mA; Zero Gate Voltage Drain Current Max, Idss:-16mA; Gate-Source Cutoff Voltage Max, Vgs(off):9V; Continuous Drain Current, Id:-16mA RoHS Compliant: No 15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceiver with Green Idle 15 kV的ESD保护.7 V.6 V绿色串口收发闲置
|
AD[Analog Devices] Analog Devices, Inc.
|
SP8830 SP8830ADG SP8830BDG DES9157201 DES9157201AC |
1.5GHz ÷ 10 Prescaler 1.5GHz 10 Prescaler 1.5GHz ± 10 Prescaler MOSFET; Transistor Polarity:P Channel; Drain Source Voltage, Vds:-30V; Continuous Drain Current, Id:13A; On-Resistance, Rds(on):15mohm; Rds(on) Test
|
Mitel Semiconductor MITEL[Mitel Networks Corporation]
|
AMS5010KT AMS5010JT AMS5010NT AMS5010LN AMS5010HN |
MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:40V; Continuous Drain Current, Id:40A; On-Resistance, Rds(on):0.014ohm; Rds(on) Test Voltage, Vgs:10V; Package/Case:TO-252; Leaded Process Compatible:No 1.2V的电压基 1.2V VOLTAGE REFERENCE 1.2V的电压基
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems]
|
2SK846 |
Drain Current ?ID=3A@ TC=25C
|
Inchange Semiconductor ...
|
2SK1601 |
Drain Current ?ID= 3A@ TC=25C
|
Inchange Semiconductor ...
|
2SK1463 |
Drain Current ?ID=4.5A@ TC=25C
|
Inchange Semiconductor ...
|
2SK529 |
Drain Current ?ID=2A@ TC=25C
|
Inchange Semiconductor ...
|