PART |
Description |
Maker |
2SC4738 |
SOT-523 Plastic-Encapsulate Transistors
|
Jiangsu Changjiang Elec...
|
2SK3019TT1 |
SOT-523 Plastic-Enc apsulate MOSFETS
|
WILLAS ELECTRONIC CORP
|
BAV70T |
150mW SOT-523 SURFACE MOUNT Plastic Package Fast Switching Diode
|
Yea Shin Technology Co....
|
BT137F-600 BT137F BT137F-800G BT137F-500 BT137F-50 |
1-of-8 Decoder 16-CDIP -55 to 125 DIODE DUAL SW 75V 350MW SOT-23 DIODE SWITCH 85V 150MW SOT-523 DIODE SWITCHING DUAL COMMON-ANODE 75V 215mA-Io 150mW 3000ns-trr SOT-523 3K/REEL DIODE SWITCHING DUAL SERIES 75V 150mA-Io 200mW 4ns-trr SOT-323 3K/REEL DIO SM DUAL SER BAV99W SOT323 Transient Voltage Suppressor Diodes Triacs 800 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC DIODE SWITCHING DUAL-DUAL COMMON-CATHODE/ANODE 75V 150mA-Io 200mW 4ns-trr SOT-363 3K/REEL 800 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC SMD DIODE BAW56 70V 600 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
DDTA113TE DDTA113TE-7 DDTA114TE DDTA114TE-7 DDTA11 |
PNP PRE-BIASED SMALL SIGNAL SOT-523 DUAL SURFACE MOUNT TRANSISTOR PNP PRE-BIASED SMALL SIGNAL SOT-523 DUAL SURFACE MOUNT TRANSISTOR 进步党预偏置信号小的SOT - 523双表面贴装晶体管 PNP PRE-BIASED SMALL SIGNAL SOT-523 DUAL SURFACE MOUNT TRANSISTOR 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
DIODES[Diodes Incorporated] Diodes, Inc. Diodes Inc.
|
DDTC114GE DDTC114GE-7 DDTC124GE DDTC124GE-7 DDTC14 |
NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
|
DIODES[Diodes Incorporated]
|
DDTA114GE-7-F DDTA124GE-7-F DDTA144GE-7-F DDTA115G |
PNP PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
|
Diodes Incorporated
|
DDTA114GE-7-F |
PNP PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
|
Diodes Inc.
|
BZX584B10 BZX584B8V2 BZX584B11 BZX584B12 |
SOD-523 Plastic-Encapsulate Diode
|
TY Semiconductor Co., Ltd
|
HM64YLB36512BP-33 HM64YLB36512BP-28 HM64YLB36512-1 |
512K X 36 LATE-WRITE SRAM, 1.6 ns, PBGA119 16M Synchronous Late Write Fast Static RAM (512-kword × 36-bit)
|
Renesas Electronics Corporation
|
CY7C027V-25AXC CY7C037V-20AC CY7C037V-20AXC CY7C03 |
3.3V 32K/64K x 16/18 Dual-Port Static RAM 64K X 16 DUAL-PORT SRAM, 25 ns, PQFP100 64K X 16 DUAL-PORT SRAM, 15 ns, PQFP100 LEAD FREE, PLASTIC, TQFP-100 64K X 16 DUAL-PORT SRAM, 25 ns, PQFP100 LEAD FREE, PLASTIC, TQFP-100 DIODE ZENER TRIPLE ISOLATED 200mW 3.3Vz 5mA-Izt 0.0606 5uA-Ir 1 SOT-363 3K/REEL DIODE ZENER SINGLE 150mW 3.3Vz 5mA-Izt 0.0606 5uA-Ir 1 SOT-523 3K/REEL DIODE ZENER SINGLE 200mW 3.3Vz 5mA-Izt 0.0606 5uA-Ir 1 SOT-323 3K/REEL
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
TSOP2840RF1 TSOP28..RF1 TSOP2830RF1 TSOP2837RF1 TS |
DIODE ZENER SINGLE 150mW 12Vz 5mA-Izt 0.0539 0.1uA-Ir 8 SOT-523 3K/REEL 图片模块PCM的远程控制系 Photo Modules for PCM Remote Control Systems From old datasheet system
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. VISAY[Vishay Siliconix] Vishay Telefunken
|