PART |
Description |
Maker |
8700010250 |
Minature, 28 AWG solid .013 tinned copper conductor, polypropylene insulation, bare copper braid shield
|
List of Unclassifed Man...
|
1344195 |
Tinned copper conductor, PVC insulation
|
List of Unclassifed Man...
|
1346684 |
Tinned copper conductor, rubber insulation
|
List of Unclassifed Man...
|
99100022000 9910004250 99100102000 9910002100 9910 |
Tinned copper conductor, PVC insulation
|
List of Unclassifed Man...
|
1344172 |
Tinned copper conductor, PVC insulation
|
List of Unclassifed Man...
|
98990021000 9899005500 9899009500 9899010100 98990 |
Tinned copper conductor, PVC insulation
|
List of Unclassifed Man...
|
117-97-620-41-005 117-97-624-41-005 217-99-764-41- |
Cable; Number of Conductors:3; Conductor Size AWG:20; No. Strands x Strand Size:19 x 32; Jacket Material:Polyethylene; Conductor Material:Copper; Jacket Color:Chrome; Temperature Max:80 C; Voltage Nom.:600V RoHS Compliant: Yes Shrinkdip插座,公开和非公开框架焊尾 Cable; Leaded Process Compatible:Yes RoHS Compliant: Yes Shrinkdip插座,公开和非公开框架焊尾 Multiconductor Cable; Jacket Material:Rubber; Leaded Process Compatible:Yes RoHS Compliant: Yes Shrinkdip插座,公开和非公开框架焊尾 Portable Cordage; Number of Conductors:4; Conductor Size AWG:16; No. Strands x Strand Size:19 x 29; Jacket Material:FEP Teflon; Leaded Process Compatible:Yes RoHS Compliant: Yes Shrinkdip插座,公开和非公开框架焊尾 2#20 TYPE J THERMOCOUPLE RoHS Compliant: Yes Shrinkdip插座,公开和非公开框架焊尾 Shrinkdip sockets Open and closed frame Solder tail Shrinkdip插座,公开和非公开框架焊尾 Paired Cable; Number of Conductors:2; Conductor Size AWG:16; No. Strands x Strand Size:65 x 34; Jacket Material:Rubber; Features:Tinned Copper Braid; Impedance:59ohm; Leaded Process Compatible:Yes; Temperature Max:60 C RoHS Compliant: Yes Paired Cable; Number of Conductors:3; Conductor Size AWG:24; No. Strands x Strand Size:40 x 45; Jacket Material:Rubber; Leaded Process Compatible:Yes; Features:Tinned Copper Braid; Temperature Max:90 C; Voltage Nom.:300V RoHS Compliant: Yes Belden Microphone Cable, Wire Size: 20 AWG, Number of Conductors: 2, Length: 500 feet, Conductor Material: Tinned Copper, Shielding: Copper Braid, Jacket: Black Rubber Multiconductor Paired Cable; Number of Conductors:3; Conductor Size AWG:24; No. Strands x Strand Size:40 x 45; Jacket Material:Rubber; Leaded Process Compatible:Yes; Features:Tinned Copper Braid; Temperature Max:90 C RoHS Compliant: Yes Cable; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No Multiconductor Power-Limited Fire Protective, Control & Instrumentation Cable; Number of Conductors:4; Conductor Size AWG:12; No. Strands x Strand Size:7 x 20; Jacket Material:FEP RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:16; No. Strands x Strand Size:65 x 34; Jacket Material:Rubber; Leaded Process Compatible:No; Conductor Material:Copper; Features:Tinned Copper Braid RoHS Compliant: Yes Multiconductor Audio, Control & Instrumentation Cable; Number of Conductors:6; Conductor Size AWG:16; No. Strands x Strand Size:19 x 29; Jacket Material:FEP; Shielding Material:Aluminum Foil/Polyester Tape/Tinned Copper Braid RoHS Compliant: Yes Paired Cable; Number of Conductors:4; Conductor Size AWG:20; No. Strands x Strand Size:19 x 32; Jacket Material:Polyethylene; Features:Tinned Copper Braid; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:20; No. Strands x Strand Size:19 x 32; Jacket Material:Polyethylene; Leaded Process Compatible:No; Conductor Material:Copper; Features:Tinned Copper Braid RoHS Compliant: Yes Paired Cable; Number of Conductors:4; Conductor Size AWG:20; No. Strands x Strand Size:19 x 32; Jacket Material:Polyethylene; Features:Tinned Copper Braid; Leaded Process Compatible:Yes; Temperature Max:60 C; Voltage Nom.:300V RoHS Compliant: Yes Cable; Conductor Size AWG:20; No. Strands x Strand Size:26 x 34; Conductor Material:Copper; Conductor Plating:Tin; Leaded Process Compatible:Yes RoHS Compliant: Yes Multiconductor, Paired Thermocouple Extension Cable; Number of Conductors:2; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Material:FEP; Shielding Material:Aluminum Foil/Polyester Tape/Aluminum Foil RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:16; No. Strands x Strand Size:65 x 34; Jacket Material:Rubber; Features:Tinned Copper Braid; Leaded Process Compatible:Yes; Temperature Max:60 C; Voltage Nom.:300V RoHS Compliant: Yes Paired Cable; Number of Conductors:2; Conductor Size AWG:20; No. Strands x Strand Size:26 x 34; Jacket Material:Rubber; Features:Tinned Copper Braid; Impedance:52ohm; Leaded Process Compatible:Yes; Temperature Max:90 C RoHS Compliant: Yes Cable; Number of Conductors:3; Conductor Size AWG:20; No. Strands x Strand Size:19 x 32; Jacket Material:Polyethylene; Conductor Material:Copper; Jacket Color:Chrome; Leaded Process Compatible:Yes; Temperature Max:80 C RoHS Compliant: Yes Connector assemblies, Outlet; Leaded Process Compatible:Yes RoHS Compliant: Yes 2#12 FEP SH FEP RoHS Compliant: Yes Paired Cable; Number of Conductors:2; Conductor Size AWG:24; No. Strands x Strand Size:40 x 45; Jacket Material:Rubber; Features:Tinned Copper Braid; Impedance:55ohm; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No ShrinkdipsocketsOpenandclosedframeSoldertail
|
PRECI-DIP SA Precid-DipDurtalSA PREDIP[Precid-Dip Durtal SA]
|
PE-SR405TN-STRAIGHT |
RG405 Tinned Coax Cable with Tinned Copper Outer Conductor
|
Pasternack Enterprises,...
|
8916003500 |
14 AWG stranded (41x30) tinned copper conductor, PVC insulation
|
List of Unclassifed Man...
|
1344174 |
Tinned copper conductor, PVC insulation. Covers insulated wire for internal wiring of meters
|
List of Unclassifed Man...
|
9913 |
RG-8/U type, 10 AWG solid .108 bare copper conductor, semi-solid polyethylene insulation
|
List of Unclassifed Man...
|