PART |
Description |
Maker |
QT300-D QT300-IS |
0.5-6.0V; 40mA; capacitance to digital converter. For fluid level sensors, prox sensors, moisture detection, position sensing, transducer driver and material sensors
|
Quantum Research Group ltd
|
B59100C0920A070 B59100C0010A070 B59100C0050A070 B5 |
Sensors Limit Temperature Sensors, Leaded Disks, Coated
|
EPCOS[EPCOS]
|
CSNCXXX |
Solid State Sensors Closed Loop Current Sensors
|
Honeywell
|
B59901D0060A040 B59901D0140A040 B59901 B59901D0070 |
Sensors Limit Temperature Sensors, Probe Assemblies
|
EPCOS[EPCOS]
|
3516 A3515LUA. |
RATIOMETRICLINEAR ALL-EFFECT SENSORS FOR IG -TEMPERATURE OPERATION Ratiometric Linear Hall-Effect Sensors for High-Temperature Operation
|
Allegro MicroSystems, Inc.
|
A3056EU A3058LU A3058EU A3056LU A3046LU A3046EU A3 |
HALL EFFECT GEAR-TOOTH SENSORS ZERO SPEED 霍尔效应齿轮齿传感器零 KPT 2C 2#20 PIN PLUG Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset HALL EFFECT GEAR-TOOTH SENSORS ZERO SPEED
|
Allegro MicroSystems, Inc. ALLEGRO[Allegro MicroSystems]
|
ST0R6PG1SPGF ST016PG1SPGF ST006PG1SPGF ST1R6PG1SPG |
Stainless Steel Pressure Sensors Amplified output whicheliminates the cost of external amplifiers Stainless Steel Pressure Sensors
|
Honeywell Accelerometers Honeywell Solid State Electronics Center Honeywell Solid State E...
|
TC620CCOA TC620CCPA TC620CEOA TC620CEPA TC620HCOA |
5V, DUAL TRIP POINT TEMPERATURE SENSORS 5V的双跳变点温度传感器 (TC620 / TC621) DUAL TRIP POINT TEMPERATURE SENSORS
|
TelCom Semiconductor, Inc. TELCOM[TelCom Semiconductor, Inc]
|
KTY81-152 KTY81-151 KTY81-150 KTY81-122 KTY81-121 |
Silicon temperature sensors(纭??绱?俯搴?????) Silicon temperature sensors(硅元素温度传感器)
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
629-75 629-40 629-45 629-6 629-60 629-30 629-35 62 |
±1°C Fail-Safe Remote/Local Temperature Sensors with SMBus Interface Logic IC 5V Programmable, Low-Dropout Voltage Regulator Low-Voltage, 1.8kHz PWM Output Temperature Sensors Cold-Junction-Compensated K-Thermocouple-to-Digital Converter (0°C to 128°C) Cold-Junction-Compensated K-Thermocouple-to-Digital Converter (0°C to 1024°C) Cold-Junction-Compensated K-Thermocouple-to-Digital Converter (0°C to 128°C) 逻辑IC PWM Output Temperature Sensors in SC70 Packages
|
Keystone Electronics, Corp.
|
MAX1450 1867 MAX1450CAP MAX1450EAP MAX1450C_D MAX1 |
Tactile Switch; Operating Force Max:160g-cm; Circuitry:SPST; Switch Operation:On-(On); Actuator Style:Flat Plunger; Contact Current Max:50mA; Switch Terminals:Through Hole; Leaded Process Compatible:Yes; Mounting Type:PCB RoHS Compliant: Yes Low-Cost / 1%-Accurate Signal Conditioner for Piezoresistive Sensors From old datasheet system Low-Cost, 1%-Accurate Signal Conditioner for Piezoresistive Sensors
|
模拟信号调理 Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm
|