PART |
Description |
Maker |
SPX1580 SPX1580T5 SPX1580T5_TR SPX1580T5-2.5 SPX15 |
7A Ultra Dropout Voltage Regulator, 2% 7A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed 7A Ultra Dropout Voltage Regulator Fast Response, Adjustable & Fixed 7A Ultra Low Dropout Voltage Regulator Fast Response Adjustable & Fixed 122 x 32 pixel format, Compact LCD size 320 x 240 pixel format, CFL backlight available with power harness A超低压降稳压器快速响应,可调
|
SIPEX[Sipex Corporation] Analog Devices, Inc.
|
LT1764 LT1764-1.5 LT1764-1.8 LT1764-2.5 LT1764-3.3 |
3A, Fast Transient Response, Low Noise,LDO Regulators 3.3 V FIXED POSITIVE LDO REGULATOR, 0.66 V DROPOUT, PSSO5 3A, Fast Transient Response, Low Noise,LDO Regulators 1.8 V FIXED POSITIVE LDO REGULATOR, 0.66 V DROPOUT, PZFM5 3A, Fast Transient Response, Low Noise,LDO Regulators 1.5 V FIXED POSITIVE LDO REGULATOR, 0.66 V DROPOUT, PSSO5 3A/ Fast Transient Response/ Low Noise/LDO Regulators
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
LT1587-3.45 LT1587-3.3 LT1587 LT1585-3.45 LT1585-3 |
3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed(3A,低压差,快速响应正输出稳压器(固定和可调输出电压)) From old datasheet system 7A Low Dropout Fast Response Positive Regulator Adjustable 4.6A Low Dropout Fast Response Positive Adjustable and Fixed Regulator 4.6A Low Dropout Fast Response Positive Regulator 7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed 3A Low Dropout Fast Response Positive 1.5 GTL Regulator
|
Linear Technology Corporation
|
LT1764EQ-1.5PBF LT1764EQ-1.5TR LT1764EQ-1.5TRPBF L |
3A, Fast Transient Response, Low Noise, LDO Regulators
|
Linear Technology
|
LR8558-32PRM LR8558-32PRN LR8558-32PSB LR8558-32PS |
Low noise, fast response 500mA LDO regulato
|
Leshan Radio Company
|
LT1963AEST-2.5 LT1963AEQ LT1963AEQ-1.5 LT1963AEQ-1 |
1.5A, Low Noise, Fast Transient Response LDO Regulators 1.5A/ Low Noise/ Fast Transient Response LDO Regulators
|
LINER[Linear Technology]
|
LP3856ET-ADJ LP3856ESX-ADJ LP3856ES-ADJ LP3856-ADJ |
3A Fast Response Ultra Low Dropout Linear Regulators
|
NS
|
LT1963A 1963AFS |
1.5A, Low Noise, Fast Transient Response LDO Regulators From old datasheet system
|
linear
|
LT1587CM-1.5 LT1587-1.5 LT1587CT-1.5 LT1587CM-1.5T |
7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed; Package: DD PAK; No of Pins: 3; Temperature Range: 0°C to 70°C Fixed 1.5V, 3A Low Dropout Fast Response GTL Regulator Fixed 1.5V, 3A Low Dropout Fast Response GTL Regulator
|
LINEAR TECHNOLOGY CORP
|
MC33560 |
Single Output LDO, 400mA, Fixed(3.0V), Low Noise, Fast Transient Response 8-MSOP -40 to 85 电源管理和接口芯片的智能卡阅读器和耦合
|
ON Semiconductor
|
BL919833AAPURN BL919825AAPRN BL919825AAPURN BL9198 |
300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
|
SHANGHAI BELLING CO., L...
|