PART |
Description |
Maker |
STP16NE06 STP16NE06FP 5315 P16NE |
11 A, 60 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-Channel 60V-0.08Ω-16A- TO-220/TO-220FP STripFETTM Power MOSFET(N沟道功率MOSFET) N沟道60V0.08Ω- 16A条,TO-220/TO-220FP STripFETTM功率MOSFET(不适用沟道功率MOSFET的) N-CHANNEL Power MOSFET From old datasheet system N - CHANNEL 60V - 0.08 - 16A - TO-220/TO-220FP STripFET? POWER MOSFET N - CHANNEL 60V - 0.08 ohm - 16A - TO-220/TO-220FP STripFET POWER MOSFET N-CHANNEL ENHANCEMENT MODE SINGLE FEATURE SIZE POWER MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
STB16NF06L STB16NF06L06 |
N-channel 60V - 0.07Ω - 16A - D2PAK STripFET Power MOSFET N-channel 60V - 0.07楼? - 16A - D2PAK STripFET垄芒 Power MOSFET N-channel 60V - 0.07ヘ - 16A - D2PAK STripFET⑩ Power MOSFET
|
STMicroelectronics
|
FDP14AN06LA0 FDP14AN06LA FDB14AN06LA0 |
Discrete Automotive N-Channel PowerTrench MOSFET, 60V, 61A, 0.014 Ohm, TO-220 Package N-Channel PowerTrench MOSFET, 60V, 60A, 0.0146 Ohms @ VGS = 5V, TO-263/D2PAK Package N-Channel PowerTrench MOSFET 60V/ 60A/ 14.6m N-Channel PowerTrench MOSFET 60V, 60A, 14.6mз
|
FAIRCHILD[Fairchild Semiconductor]
|
IRCZ34 |
60V Single N-Channel HEXFET Power MOSFET in a TO-220 5-Pin (HEXSense) package Power MOSFET(Vdss=60V, Rds(on)=0.050ohm, Id=30A)
|
International Rectifier
|
FQD30N06 FQU30N06 FQD20N06 FQU20N06 FQD30N06TF |
60V N-Channel QFET 60V N-Channel MOSFET 22.7 A, 60 V, 0.045 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
IRFIZ34V IRFIZ34VPBF |
60V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=60V, Rds(on)=28mohm, Id=20A) Lsolated Base Power HEX-pak Assembly Half Bridge Configuration
|
IRF[International Rectifier]
|
STB60NF06 STP9NC60FP STB60NF06T4 |
N-CHANNEL 60V 0.014 OHM 60A D2PAK STRIPFET POWER MOSFET N-CHANNEL 60V 0.014 OHM 60A D2PAK STRIPFET POWER MOSFET N-CHANNEL 60V - 0.014ohm - 60A D2PAK STripFET?/a> POWER MOSFET N-CHANNEL 60V - 0.014ohm - 60A D2PAK STripFET POWER MOSFET N-CHANNEL 60V - 0.014W - 60A D2PAK
STripFET™ POWER MOSFET N-CHANNEL 60V - 0.014ohm - 60A D2PAK STripFET⑩ POWER MOSFET N-CHANNEL Power MOSFET
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
STN3NE06L 6045 |
N-CHANNEL 60V - 0.08 OMH - 3A - SOT-223 - STRIPFET POWER MOSFET N - CHANNEL 60V - 0.10 ohm - 3A - SOT-223 STripFETO POWER MOSFET N - CHANNEL 60V - 0.10 - 3A - SOT-223 STripFET TM POWER MOSFET From old datasheet system
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
IRLD024 |
60V Single N-Channel HEXFET Power MOSFET in a HEXDIP package HEXFET? Power MOSFET Power MOSFET(Vdss=60V, Rds(on)=0.10ohm, Id=2.5A)
|
IRF[International Rectifier]
|
STD30NE06L 6044 STD30NE06LT4 |
TRANSISTOR | MOSFET | N-CHANNEL | 60V V(BR)DSS | 30A I(D) | TO-252AA 晶体管| MOSFET的| N沟道| 60V的五(巴西)直| 30A条(丁)|52AA N - CHANNEL 60V - 0.025 ohm - 30A TO-252 STripFET POWER MOSFET From old datasheet system
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics]
|
HIP2060 HIP2060AS1 HIP2060AS2 HIP2060AS3 |
60V/ 10A Half Bridge Power MOSFET Array 60V, 10A Half Bridge Power MOSFET Array 20000 SYSTEM GATE 3.3 VOLT LOGIC CELL AR - NOT RECOMMENDED for NEW DESIGN 10 A, 60 V, 0.15 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET
|
Intersil Corporation Intersil, Corp.
|