PART |
Description |
Maker |
2966016 |
6.2 mm PLC basic terminal blocks with screw connection method, input voltage 24 V DC(without relay or optocoupler)
|
PHOENIX CONTACT
|
RIF-1-BPT |
RIF-1... relay base, for miniature power relay with 1 or 2 PDTs or solid-state relays of the same design, push-in connection, plug-in option for input/suppressor modules, for mounting on NS 35/7,5
|
PHOENIX CONTACT
|
RAD-SPL-2-N |
Antenna splitter, frequency range: 0.3 GHz ... 6 GHz, degree of protection: IP65, connection: 3 x N (female), suitable connection cable for the antenna connection (Order No. 2700677)
|
PHOENIX CONTACT
|
0501059 |
Feed-through terminal block, connection method: screw connection, cross section
|
PHOENIX CONTACT
|
0424026 |
Power terminal block, Connection method Screw connection, Load current
|
PHOENIX CONTACT
|
0441012 |
Ground modular terminal block, Connection method: Screw connection, Cross section
|
PHOENIX CONTACT
|
0441106 |
Ground modular terminal block, Connection method: Screw connection, Cross section
|
PHOENIX CONTACT
|
0449014 |
Ground modular terminal block, Connection method: Screw connection, Load current
|
PHOENIX CONTACT
|
0345660703 |
2.54mm (.100") Pitch, MX123 Female Receptacle Housing, Keying Option G, WireDress Option 0, 80 Circuits, Blue TPA
|
Molex Electronics Ltd.
|
0391360000 |
PCB terminal, TOP connection, Soldered connection, Clamping range, max.: 2.5 mm2, Pitch: 7.62 mm, No. of poles: 3, 180°, Box
|
Weidmuller
|
ISL1571IRZ ISL1571IRZ-T7 ISL1571 ISL1571IUEZ ISL15 |
Power Line Communication PLC Power Line Communication (PLC); Temperature Range: -40°C to 85°C; Package: 16-QFN T&R OP-AMP, PQCC16
|
Intersil Corporation Intersil, Corp.
|
LICU |
PLC Accessories
|
Premo
|
|