PART |
Description |
Maker |
STB6NB50 STB6NB50-1 |
FUSE/SM .8W, VMAX = 6 VDC, I(TRIP) = 2.2 A 晶体管| MOSFET的| N沟道| 500V五(巴西)直| 5.8AI(四)|62AA N-CHANNEL Power MOSFET N - CHANNEL 500V - 1.35ohm - 5.8A - D2PAK/I2PAK PowerMESH MOSFET N - CHANNEL 500V - 1.35 Ohm - 5.8A - D2PAK/I2PAK PowerMESH MOSFET
|
STMicroelectronics N.V. ST Microelectronics SGS Thomson Microelectronics
|
JANTX2N6762 JANTXV2N6762 |
500V Single N-Channel Hi-Rel MOSFET in a TO-204AA package TRANSISTORS N-CHANNEL(Vdss=500V, Rds(on)=1.5ohm, Id=4.5A)
|
IRF[International Rectifier]
|
STW20NC50 7201 |
N-CHANNEL 500V - 0.22 OHM 18.4A TO-247 POWERMESH II MOSFET N-CHANNEL 500V - 0.22ohm - 18.4A TO-247 PowerMesh⑩II MOSFET From old datasheet system N-CHANNEL 500V - 0.22 OHM 18.4A TO-247 POWERMESH II MOSFET N-CHANNEL 500V - 0.22ohm - 18.4A TO-247 PowerMesh?II MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
STU16NB50 6768 |
N-CHANNEL 500V - 0.28ohm - 15.6A-Max220 PowerMESH MOSFET From old datasheet system N-CHANNEL 500V - 0.28 - 15.6A-Max220 PowerMESH TM MOSFET N-CHANNEL 500V - 0.28W - 15.6A-Max220 PowerMESH MOSFET
|
http:// STMicroelectronics SGS Thomson Microelectronics
|
OM6008SC OM6107SC OM6106SC OM6108SC OM6105SC OM600 |
Isolated Hermetic Metal Package 400V Single N-Channel Hi-Rel MOSFET in a TO-258AA package 100V Single N-Channel Hi-Rel MOSFET in a TO-258AA package 500V Single N-Channel Hi-Rel MOSFET in a TO-258AA package 200V Single N-Channel Hi-Rel MOSFET in a TO-258AA package 500V , 13Amp, N Channel MOSFET With Zener Gate Protection(500V , 13A,N沟道,MOS场效应管(带齐纳门保护 00V3Amp,N沟道MOSFET与齐门保护(500V3A条,沟道来说,MOS场效应管(带齐纳门保护) POWER MOSFET IN HERMETIC ISOLATED JEDEC TO-258AA PACKAGE
|
List of Unclassifed Man... International Rectifier Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers Omnirel
|
FQI13N50C FQB13N50C FQI13N50CTU |
500V N-Channel MOSFET 500V N-Channel Advance Q-FET C-Series
|
http:// FAIRCHILD[Fairchild Semiconductor]
|
FQB9N50C FQI9N50C FQB9N50CTM FQI9N50CTU |
500V N-Channel Advance Q-FET C-Series 500V N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
IRC830 |
Power MOSFET(Vdss=500V/ Rds(on)=1.5ohm/ Id=4.5A) Power MOSFET(Vdss=500V Rds(on)=1.5ohm Id=4.5A) Power MOSFET(Vdss=500V, Rds(on)=1.5ohm, Id=4.5A) 500V Single N-Channel HEXFET Power MOSFET in a TO-220 5-Pin (HEXSense) package
|
IRF[International Rectifier]
|
STP5NC50 STP5NC50FP STB5NC50 STB5NC50-1 |
N-CHANNEL 500V - 1.3 OHM - 5.5A - TO-220/TO-220FP/D2PAK/I2PAK POWERMESH II MOSFET N-CHANNEL 500V - 1.3ohm - 5.5A TO-220/FP/D2PAK/I2PAK PowerMesh?II MOSFET N-CHANNEL 500V - 1.3ohm - 5.5A TO-220/FP/D2PAK/I2PAK PowerMeshII MOSFET N-CHANNEL 500V - 1.3ohm - 5.5A TO-220/FP/D2PAK/I2PAK PowerMesh⑩II MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|