PART |
Description |
Maker |
AP131-20YL-13 AP131-20YL-7 AP131-18YL-13 AP131-18Y |
1.5A Fast Ultra Low Dropout Linear Regulators 2.5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO5 300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
|
Diodes, Inc. http:// Diodes Inc. DIODES[Diodes Incorporated]
|
AP7335 AP7335-08SNG-7 AP7335-08WG-7 AP7335-10SNG-7 |
1.2 V FIXED POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PDSO6 300mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
|
http:// Diodes Incorporated
|
APL5835-18D APL5835-EC-TU APL5835 APL5835-18DC-TR |
2.7 V, 450 mA low dropout linear regulator of adjustable and fixed voltage 450mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages 3A Fixed Low Dropout Linear Regulator (LDO) 2.6 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 1.8 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PBCY3 3A Fixed Low Dropout Linear Regulator (LDO) 3.3 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 3A固定低压差线性稳压器(LDO Multi Turn Trimmer; Series:70; Track Resistance:500ohm; Resistance Tolerance: 10%; Power Rating:1W; Operating Temperature Range:-55 C to C; Resistor Element Material:Cermet; Temperature Coefficient:100 ppm RoHS Compliant: Yes 四百五十○毫安低压差线性稳压器,可调式和固定电
|
ANPEC Electronics Corporation ANPEC[Anpec Electronics Coropration] Anpec Electronics, Corp.
|
AIC1722A-20XU AIC1722A-20XXA |
300mA Low Dropout Linear Regulator
|
Analog Intergrations Co...
|
TJ4203GQ-X.X TJ4203GTF5-X.X TJ4203GTF5-ADJ TJ4203G |
300mA Ultra Low Dropout Linear Regulator
|
HTC Korea TAEJIN Technology Co.
|
G9611AP1U G9611CP1T G9611CP1U G9611AP1T G9611BP1T |
Low-Dropout, 300mA Linear Regulator with Reset
|
GMT[Global Mixed-mode Technology Inc]
|
APE8800A APE8800A-15Y5P APE8800A-18Y5P APE8800A-25 |
300mA Low Dropout Linear Regulator with Shutdown
|
Advanced Power Electronics Corp.
|
APL5327 |
Adjustable Low Dropout 300mA Linear Regulator
|
Anpec Electronics Coropration
|
APL5312-17BI-TR APL5312-15BI-TRL APL5312 APL5312-1 |
Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
|
ANPEC[Anpec Electronics Coropration]
|
APL5833 APL5833-28EC-TR APL5833-28EC-TRL APL5833-D |
300mA, Low Dropout Linear Regulator of Fixed 2.85V, 3.3V and 3.5V
|
ANPEC[Anpec Electronics Coropration]
|
APL5316-12BI-TRG APL5316-12BI-TRL APL5316-33BI-TRG |
Low Dropout 300mA Linear Regulator With Power-Ok Indicator
|
Anpec Electronics Coropration
|