PART |
Description |
Maker |
MAX4506 MAX4507 MAX4507EWN MAX4507CAP MAX4507EAP M |
Fault-Protected, High-Voltage Signal-Line Protectors OCTAL 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO18 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT08; Number of Contacts:4; Connector Shell Size:8; Connecting Termination:Solder; Circular Shell Style:Right Angle Plug Fault-Protected / High-Voltage Signal-Line Protectors Fault-protected, high-voltage, signal-line protector
|
Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX450807 MAX4508ESE MAX4508EPE MAX4508CPE MAX4508 |
Fault-Protected, High-Voltage Single 8-to-1/Dual 4-to-1 Multiplexers with Output Clamps DUAL 4-CHANNEL, SGL ENDED MULTIPLEXER, PDIP16 Fault-Protected, High-Voltage Single 8-to-1/ Dual 4-to-1 Multiplexers with Output Clamps
|
Maxim Integrated Products, Inc.
|
BAS85 |
Low forward voltage High breakdown voltage Guard ring protected
|
TY Semiconductor Co., Ltd
|
TT690MOV |
High Energy Thermally Protected TTxxxMOV High Energy Thermally Protected TTxxxMOV VOLTAGE-150 to 690 Volts AC Integrated Transient Surge Protector
|
MDE Semiconductor, Inc.
|
5962-9221804MSX 5962-9221806MSX 5962-9221806M2X 59 |
±15kV ESD-Protected, 1µA, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP Octal D-Type Flip-Flop ±15kV ESD-Protected, 1µA, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP 八路D类触发器
|
Electronic Theatre Controls, Inc. Littelfuse, Inc.
|
33981 PC33981PNA/R2 MC33981 |
High-Frequency, High-Current, Self-Protected High-Side Switch (4.0 m?up to 60 kHz) High-Frequency, High-Current, Self-Protected High-Side Switch (4.0 mз up to 60 kHz) 高频率,大电流,自我保护的高边开关(4.0mз0千赫 High-Frequency/ High-Current/ Self-Protected High-Side Switch (4.0 m up to 60 kHz)
|
Motorola, Inc. Motorola Mobility Holdings, Inc. Motorola Inc
|
SL74HC534 SL74HC534D SL74HC534N HC534 |
Octal 3-State Inverting D Flip-Flop(High-Performance Silicon-Gate CMOS) Voltage Regulator IC; Package/Case:3-TO-3; Current Rating:1.5A; Output Voltage Max:-12V; Voltage Regulator Type:Fixed Voltage; Mounting Type:Through
|
System Logic Semiconduc... SLS[System Logic Semiconductor] System Logic Semiconductor Co., Ltd.
|
74LVC245ATTR 74LVC245A 74LVC245AMTR 74LVC245AM |
LOW VOLTAGE CMOS OCTAL BUS TRANSCEIVER (NOT INVERTED) HIGH PERFORMANCE 低电压CMOS八进制总线收发器(不内陷)高性能 LOW VOLTAGE CMOS OCTAL BUS TRANSCEIVER (NOT INVERTED) HIGH PERFORMANCE
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
MM74HC540 MM74HC540MTC MM74HC540N MM74HC540SJ MM74 |
Inverting Octal 3-STATE Buffers Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer Inverting Octal 3-STATE Buffer • Octal 3-STATE Buffer 1.5 A, 260 kHz Low Voltage Buck Regulators with External Bias; Package: DFN18 6x5, 0.5p; No of Pins: 18; Container: Tape and Reel; Qty per Container: 2500 Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
BXA40-48SS2V9SM-SM BXA40-48S3V3SM-SM BXA40-24S3V3S |
Low voltage CMOS 16-bit bus transceiver with 5V tolerant inputs and output (3-state) Low volt. CMOS octal bus transceiver/register with 5 volt tolerant inputs and outputs (3-state) Octal D-type flip-flop high performance Low voltage CMOS quad 2-input OR gate high performance Low voltage CMOS dual D-type flip flop with 5 V tolerant inputs Low voltage CMOS quad exclusive OR gate high performance 模拟IC Analog IC 模拟IC Octal D-type latch non-inverting (3-state) with 5V tolerant inputs and outputs 模拟IC
|
Electronic Theatre Controls, Inc. Amphenol, Corp.
|
MAX4939CTN MAX4938CTN MAX4936 |
Octal High-Voltage Transmit/Receive Switches
|
Maxim Integrated Products
|