PART |
Description |
Maker |
3885 M38851F3-HP M38850F3-HP M38851F1-HP M38850F1- |
300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit Single 2.7-V High Slew Rate Rail-to-Rail Output Operational Amplifier 5-SOT-23 -40 to 125 CAP 680PF 50V 10% X7R SMD-0402 TR-13 PLATED-NI/SN Single 2.7-V High Slew Rate Rail-to-Rail Output Operational Amplifier 8-SOIC -40 to 125 PLCC Socket; Number of Contacts:32; Terminal Type:PCB Surface Mount; Contact Plating:Tin Over Nickel; Mounting Type:Surface Mount ACCU-F/P CRYSTAL, SM, CX-49G, 8MHZ; Frequency, output:8000kHz; Accuracy: /-50ppm; Temperature, operating range:-10(degree C) to 70(degree C); Capacitance, load:12pF; Crystal case type:10.8 x 4.5; Series:CX49GFWB; Temperature RoHS Compliant: Yes Automotive Catalog 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier With Shutdown 5-SOT-23 -40 to 125 Dual 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier 8-PDIP -40 to 125 Dual 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier 8-SOIC -40 to 125 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-MSOP 0 to 70 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-TSSOP -40 to 125 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-SOIC
|
Renesas Electronics Corporation. Renesas Electronics, Corp. http://
|
MAX4470 MAX4470EUK-T MAX4470EXK-T MAX4471 MAX4471E |
Single/Dual/Quad, !.8V/750nA, SC70, Rail-to-Rail Op Amps OP-AMP, 15000 uV OFFSET-MAX, 0.009 MHz BAND WIDTH, PDSO5 Single/Dual/Quad, !.8V/750nA, SC70, Rail-to-Rail Op Amps 四路1.8V/750nA、SC70封装、满摆幅运算放大 Single/Dual/Quad / !.8V/750nA / SC70 / Rail-to-Rail Op Amps "Single, 1.8V/750nA, SC70, Rail-to-Rail Op Amps" Single/Dual/Quad !.8V/750nA SC70 Rail-to-Rail Op Amps Single/Dual/Quad, 1.8V/750nA, SC70, Rail-to-Rail Op Amps
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
TS922AIYPT TS922AIN TS922AID_AIDT TS922AIPT TS922A |
Rail-to-rail high output current dual operational amplifier
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
TS922AIYST TS922AIYPT TS922AIPT TS922IDT TS922AIYD |
Rail-to-rail, high output current dual operational amplifier
|
STMicroelectronics
|
G1402-15 |
Dual Output Rail-to-Rail, High Slew-Rate Amplifiers
|
Global Mixed-mode Techn...
|
MAX4369 MAX4369EBL-T |
Dual, Rail-to-Rail, High-Output-Drive Op Amp in UCSP
|
Maxim Integrated Produc...
|
TLV2772ID |
<font color=red>[Old version datasheet]</font> 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT DUAL OPERATIONAL AMPLIFIERS
|
TI store
|
MAX494 MAX494CPD MAX494CSD MAX494EPD MAX494ESD MAX |
High-Output RS-485 Transceiver 8-SOIC -40 to 85 Single/Dual/Quad, Micropower, Single-Supply Rail-to-Rail Op Amps Single/Dual/Quad / Micropower / Single-Supply Rail-to-Rail Op Amps Single/Dual/Quad, Micropower, Single-Supply, Rail-to-Rail Op Amps
|
MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. MAXIM - Dallas Semiconductor
|
AD8051 AD8052 AD8054 |
High-Speed, Low-Cost, Single, Rail-To-Rail Amplifier High-Speed, Low-Cost, Dual, Rail-To-Rail Amplifier High-Speed, Low-Cost, Quad, Rail-To-Rail Amplifier
|
Analog Devices
|
BZX384 BZX384-C4V7 BZX384-C8V2 BZX384-C5V6 BZX384- |
Single/Dual/Quad, 1.8V/750nA, SC70, Rail-to-Rail Op Amps ECONOLINE: RQS & RQD - 1kVDC Isolation- Internal SMD Construction- UL94V-0 Package Material- Toroidal Magnetics- Efficiency to 80% SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps BZX384 series; Voltage regulator diodes
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|