PART |
Description |
Maker |
LTG6SP-CBEB-25-1 LBG6SP-V2BB-35-1 LBG6SP |
Advanced Power TOPLED Enhanced optical Power LED
|
OSRAM GmbH
|
LYG6SP LYG6SP-BBDB-36-1 LRG6SP LRG6SP-CADB-1-1 LAG |
Advanced Power TOPLED Enhanced ThinFilm LED Lead (Pb) Free Product - RoHS Compliant
|
OSRAM GmbH
|
Q62703-Q2678 Q62703-Q2566 LOPT670-FJ LOPT670-G LOP |
Multiconductor Cable; Number of Conductors:5; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Conductor Material:Copper; Voltage Nom.:300V RoHS Compliant: Yes Multi TOPLED 多TOPLED Multi TOPLED DUAL COLOR LED, ORANGE/PURE GREEN, 2.4 mm Multi TOPLED DUAL COLOR LED, SUPER RED/PURE GREEN, 2.4 mm
|
http:// SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
LAE6SF-BBCB-24-1 |
Power TOPLED
|
OSRAM GmbH
|
LVE63C-V2AB-35 LVE63C-ABCA-35 LBE63C-S2U1-35 LBE63 |
Power TOPLED with Lens Enhanced Optical Power LED (ATON)
|
http:// OSRAM[OSRAM GmbH]
|
LBE63C-T2V1-35 LBE63C-U2V2-35 LBE63C-T2V2-35 LBE63 |
Power TOPLED? with Lens Enhanced Optical Power LED (ATON?)
|
OSRAM GmbH
|
LYT670-HK LYT670-J LYT670-JM LYT670-K LYT670-L Q62 |
TOPLED Shielded Multiconductor Cable; Leaded Process Compatible:Yes RoHS Compliant: Yes SINGLE COLOR LED, YELLOW, 2.4 mm TOPLED SINGLE COLOR LED, PURE GREEN, 2.4 mm TOPLED TOPLED Multiconductor Cable; Number of Conductors:5; Conductor Size AWG:22; No. Strands x Strand Size:7 x 28; Jacket Material:Polyvinylchloride (PVC); Conductor Material:Copper; Conductor Plating:Tin; Jacket Color:Chrome RoHS Compliant: Yes Fail-Safe Floating Electrode MLCC / FE-CAP / X7R Dielectric; Capacitance [nom]: 0.22uF; Working Voltage (Vdc)[max]: 50V; Capacitance Tolerance DIODE AVALNCH 1600V 40A DO-203AA DIODE AVALNCH 1600V 7A AXIAL LD ); Leaded Process Compatible:Yes; Conductor Material:Copper; Voltage Nom.:300V RoHS Compliant: Yes
|
Siemens Semiconductor G... SIEMENS AG SIEMENS[Siemens Semiconductor Group] http://
|
Q62703-Q2732 Q62703-Q3100 Q62703-Q2738 LGT770-HL L |
SCR PHASE CONTROL 1400V 60A TO65 DSUB 11W1 F SOD FLOA G50 SCR PHASE CONTROL 800V 60A TO-65 SINGLE COLOR LED, ORANGE, 2.4 mm TOPLED RG SINGLE COLOR LED, SUPER RED, 2.4 mm TOPLED RG TOPLEDRG
|
Siemens Semiconductor G... http:// SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
Q62703-Q3759 LY_E676 LYE676 LYE676-T1 LYE676-T2 LY |
Power TOPLED Hyper-Bright LED SINGLE COLOR LED, YELLOW, 2.4 mm From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
LTT673 LTT673-Q2S1-25-26E6 |
TOPLED
|
OSRAM GmbH
|
HIP6018 HIP6018CB HIP6018EVAL1 FN4497 |
Advanced PWM and Dual Linear Power Control SWITCHING CONTROLLER, 1000 kHz SWITCHING FREQ-MAX, PDSO24 Advanced PWM and Dual Linear Power Control 先进的双PWM和线性功率控 From old datasheet system
|
Intersil, Corp. Rochester Electronics, LLC INTERSIL[Intersil Corporation]
|