PART |
Description |
Maker |
LT1494 LT1494CN8 LT1494IMS8 LT1494CMS8 LT1494CS8 L |
1.5盗 Max, Precision Rail-to-Rail Input and Output Op Amp 1.5UA Max, Single, Dual and Quad Over-The-Top Precision Rail-to-Rail Input and Output Op Amps
|
LINER[Linear Technology]
|
OP196 OP496 OP496GS OP296 |
Micropower / Rail-to-Rail Input and Output Operational Amplifiers Micropower, Rail-to-Rail Input and Output Operational Amplifiers QUAD OP-AMP, 650 uV OFFSET-MAX, 0.35 MHz BAND WIDTH, PDSO14
|
Analog Devices, Inc.
|
EL5223 EL5123 EL5123CY EL5123CY-T13 EL5123CY-T7 EL |
12MHz 4, 8, 10 & 12 Channel Rail-to-Rail Input-Output Buffers LENS, 18X18MM, ORANGE; Colour:Orange; Length / Height, external:18mm; Width, external:18mm RoHS Compliant: Yes QUAD BUFFER AMPLIFIER, PDSO10 12MHz 4, 8, 10 & 12 Channel Rail-to-Rail Input-Output Buffers 12 BUFFER AMPLIFIER, PDSO28 12MHz 4, 8, 10 & 12 Channel Rail-to-Rail Input-Output Buffers OCTAL BUFFER AMPLIFIER, PDSO20 12MHz 4, 8, 10 & 12 Channel Rail-to-Rail Input-Output Buffers 12 BUFFER AMPLIFIER, PQCC32 12MHz 4, 8, 10 & 12 Channel Rail-to-Rail Input-Output Buffers QUAD BUFFER AMPLIFIER, PDSO10 Sealing Tape; Tape Backing Material:Rubber; Width:0.75"; Roll Length:30ft; Color:Black RoHS Compliant: Yes 10 BUFFER AMPLIFIER, PDSO24
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
LT1638HS8 LT1639HS LT1638CDD LT1638IDD LT1638IMS8 |
1.2MHz, 0.4V/us Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps; Package: DFN; No of Pins: 8; Temperature Range: 0°C to 70°C 1.2MHz, 0.4V/μs Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps 1.2MHz, 0.4V/渭s Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps 1.2MHz, 0.4V/レs Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
|
LINEAR TECHNOLOGY CORP
|
OA2NP34S OA4NP OA1NP OA1NP22C OA4NP33Q |
Rail-to-rail input and output Low power, rail-to-rail input and output, CMOS single op amp Low power, rail-to-rail input and output, CMOS quad op amp Low power, rail-to-rail input and output, CMOS dual op amp
|
STMicroelectronics ST Microelectronics
|
LT6005CGNPBF LT6004IDDTRPBF LT6003CDC-TRMPBF LT600 |
1.6V, 1A Precision Rail-to-Rail Input and Output Op Amps 1.6V, 1μA Precision Rail-to-Rail Input and Output Op Amps 1.6V, 1µA Precision Rail-to-Rail Input and Output Op Amp; Package: DFN; No of Pins: 8; Temperature Range: -40°C to 85°C DUAL OP-AMP, 1500 uV OFFSET-MAX, 0.003 MHz BAND WIDTH, PDSO8 1.6V, 1µA Precision Rail-to-Rail Input and Output Op Amp; Package: TSSOP; No of Pins: 16; Temperature Range: 0°C to 70°C QUAD OP-AMP, 1050 uV OFFSET-MAX, 0.003 MHz BAND WIDTH, PDSO16
|
Linear Dimensions Semiconductor Linear Technology, Corp.
|
5962-88774012A 5962-88774012X 5962-8877401DX |
2/2-input and 3/3-input AND-NOR Gate Single/Dual/Quad, General-Purpose, Low-Voltage, Rail-to-Rail Output Op Amps 2/2-input/3-input或非
|
TE Connectivity, Ltd.
|
ISL28266FAZ-T7 ISL28266 ISL28166FHZ-T7 ISL28166 |
39uA Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
|
http:// Intersil Corporation
|
ISL2815808 ISL28258FUZ-T7 |
Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
|
Intersil Corporation
|
AD5302 AD5302BRM AD5322 AD5322BRM AD5312 AD5312BRM |
2.5 V to 5.5 V, 230 uA Dual Rail-to-Rail, Voltage Output 8-/10-/12-Bit DACs SERIAL INPUT LOADING, 6 us SETTLING TIME, 8-BIT DAC, PDSO10 2.5 V to 5.5 V, 230 A, Dual Rail-to-Rail Voltage Output 8-Bit DAC in a 10-Lead MicroSOIC Package
|
Analog Devices, Inc. AD[Analog Devices]
|