PART |
Description |
Maker |
FT28C16-20SC FT28C16-20SI |
Parallel EEPRO M 16K (2Kx8)
|
Force Technologies Ltd
|
CAT28C16A CAT28C16AJA-20 CAT28C16AJA-20T CAT28C16A |
16K-Bit CMOS PARALLEL E2PROM 16K-Bit CMOS PARALLEL E2PROM 16K的位CMOS并行E2PROM JT 8C 8#16 PIN PLUG 16K的位CMOS并行E2PROM PWM High-Side Driver (1.5A) for Solenoids, Coils, Valves, Heaters, and Lamps 14-HTSSOP -40 to 85
|
CATALYST[Catalyst Semiconductor] http://
|
CAT28C17A04 CAT25C17ANA-20T CAT25C17AJ-20T CAT25C1 |
2K X 8 EEPROM 5V, 200 ns, PDSO28 16K-Bit CMOS PARALLEL EEPROM Parallel EEPROM, 16Kb, RDY/BSY Pin
|
ON SEMICONDUCTOR CATALYST[Catalyst Semiconductor]
|
7206FRPFS-50 7206F 7206FRPFB-15 7206FRPFB-20 7206F |
High-Speed Epi-CMOS (16K x 9-Bit) Parallel FIFO
|
MAXWELL[Maxwell Technologies]
|
M28LV16 M28C16-200K1T M28C16-200K6T M28C16-200MS1T |
16K (2K x 8) LOW VOLTAGE PARALLEL EEPROM with SOFTWARE DATA PROTECTION 16K的(2K × 8)低电压并联EEPROM,带有软件数据保
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
CAT1026LI-45-GT3 CAT1026LI-45T3 CAT25C04LI-1.8TE13 |
Dual Voltage Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM 1K/2K/4K SPI Serial CMOS EEPROM 16K-Bit CMOS PARALLEL EEPROM 64K-Bit CMOS PARALLEL EEPROM 512K-Bit CMOS Flash Memory 32K/64K-Bit SPI Serial CMOS EEPROM 1 Megabit CMOS Flash Memory 512K-Bit CMOS PARALLEL EEPROM 1 Megabit CMOS Boot Block Flash Memory 256K-Bit CMOS PARALLEL EEPROM Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer Precision, Adjustable Shunt Regulator Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer 128K/256K-Bit SPI Serial CMOS EEPROM 16K-Bit Serial EEPROM, Cascadable
|
CATALYST[Catalyst Semiconductor]
|
93C86 93C86-EP 93C86-ESN 93C86-IP 93C86-ISN 93C86- |
8K/16K 5.0V Microwire Serial EEPROM 16K 5.0V Microwire Serial EEPROM(4.5~5.5V,16K10M次擦写周具上掉电数据保护电路,EEPROM) 8K/16K 5.0V Microwire Serial EEPROM 8K/16K 5.0V Microwire串行EEPROM Standard Recovery Rectifier; Repetitive Reverse Voltage Max, Vrrm:400V; Forward Current Avg Rectified, IF(AV):300A; Non Repetitive Forward Surge Current Max, Ifsm:6500A; Forward Voltage Max, VF:1.4V; Package/Case:DO-205 8K/16K 5.0V Microwire串行EEPROM
|
MICROCHIP[Microchip Technology] Microchip Technology Inc. Microchip Technology, Inc.
|
CY7C132 CY7C132-30PC CY7C132-30PI CY7C132-35DMB CY |
2Kx8 Dual-Port Static RAM Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Color:Black; Approval Bodies:UL, CSA; Approval Categories:UL AWM Styles 1007, 1565; CSA Types TR-64, TRSR-64; JQA-F; Passes VW-1 Flame Test RoHS Compliant: Yes 27 MHz 3.3V VCXO IC for Set-Top Box Applications Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Color:Dark Blue; Approval Bodies:UL, CSA; Approval Categories:UL AWM Styles 1007, 1565; CSA Types TR-64, TRSR-64; JQA-F; Passes VW-1 Flame Test RoHS Compliant: Yes 2Kx8 Dual-Port Static RAM 2Kx8双端口静态存储器 19.44 to 40 MHz, 3.3V, VCXO IC for General Purpose Applications 2Kx8双端口静态存储器 2Kx8 Dual-Port Static RAM 2K X 8 DUAL-PORT SRAM, 30 ns, PQFP52 2Kx8 Dual-Port Static RAM 2K X 8 DUAL-PORT SRAM, 45 ns, PQCC52 2Kx8 Dual-Port Static RAM 2K X 8 DUAL-PORT SRAM, 45 ns, QCC52 AML32 Series, Solid State Pushbutton, Rectangular, Standard Bezel, Lighted, 1 Neon Lamp, DPST NO Form X , Alternate Action, Snap in panel mount 2Kx8双端口静态存储器
|
CYPRESS[Cypress Semiconductor] Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
CYDC128B08 CYDC128B08-40AXC CYDC128B08-55AXC CYDC1 |
1.8V 4k/8k/16k x 16 and 8k/16k x 8 ConsuMoBL Dual-Port Static RAM
|
Cypress Semiconductor
|
CYDM064B16-55BVXC CYDM064B16-55BVXI CYDM256B16-55B |
1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL㈢ Dual-Port Static RAM
|
Cypress Semiconductor
|
AT91RM9200 AT91RM9200-C1-002 AT91RM9200-Q1-002 |
The AT91RM9200 features a 200 MIPS ARM920T processor with 16K-byte instruction and 16K-byte data cache memories, 16K bytes of SRAM, 128K bytes of ROM, External Bus Interface featuring SDRAM, Burst Flash and Static Memory Controllers, USB D ARM920T-based microcontroller.
|
Atmel
|
COM20022ITQFP |
10 MBPS ARCNET CONTROLLER WITH 2KX8 ON BOARD RAM
|
SMSC Corporation
|