PART |
Description |
Maker |
FL-SWITCH-SFNT |
Five and Eight-Port Standard Function Ethernet Switches for Extreme Environments
|
PHOENIX CONTACT
|
FL-SWITCH-SFN |
Five- and Eight-Port Standard Function Ethernet Switches with Narrow Housings ?Gigabit as an Option
|
PHOENIX CONTACT
|
G4P209NS-2-LF |
Complying with IEEE 802.3ab standard for 1000 BASE-T full Quad port applications
|
Bothhand USA, LP.
|
BTA40A BTA40B 2939 BTA40-400B BTA40-400A BTA40-600 |
Standard triac, 40Ampere, 800V Standard triac, 40Ampere, 700V Standard triac, 40Ampere, 600V Standard triac, 40Ampere, 400V From old datasheet system STANDARD TRIACS RP Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 15V; Output Voltage (Vdc): 12V; Power: 1W; Pot-Core Transformer - separated
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 ST Microelectronics
|
FM3570 FM3570M20 FM3570M20X FM3570MT20X FM3570MT20 |
4/5-Bit Multiplexed 1-Bit Latched Port with Standard 2-Wire Bus Interface & Non-Volatile Latches CPU CONFIGURATION CONTROLLER Register/Multiplexer for Microprocessor VID 2mm TERMINAL STRIP
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
FS1209DH FS1209BH FS1209MH FS1210BH |
Standard Gate SCRs 600 V, standard SCR 200 V, standard SCR 400 V, standard SCR
|
Fagor
|
BCM532504 BCM5325 BCM5325FKQMG |
5-Port 10/100 Switch From old datasheet system FIVE-PORT 10/100 SWITCH WITH ON-CHIP PACKET BUFFER Unmanaged Integrated 10/100BASE-T/TX 5/6-Port Switch
|
BOARDCOM[Broadcom Corporation.] http://
|
CY7C09199V CY7C09199V-12AC CY7C09199V-6AC CY7C0919 |
3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM 64K X 9 DUAL-PORT SRAM, 25 ns, PQFP100 3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM 32K X 9 DUAL-PORT SRAM, 25 ns, PQFP100 3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM 32K X 8 DUAL-PORT SRAM, 18 ns, PQFP100 SM Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 250 Vac, 11 A, Pin Plunger Actuator, Solder Termination Memory
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
PI3B16245AE PI3B16245VE PI3B162245 PI3B16245 |
3.3V, 16-Bit, 2-Port NanoSwitch? 3.3V/ 16-Bit/ 2-Port NanoSwitch 3.3V/ Hot Insertion/ 16-Bit/ 2-Port BusSwitch 3.3V, 16-Bit, 2-Port NanoSwitch 3.3伏,16位,2端口NanoSwitch 3.3V, Hot Insertion, 16-Bit, 2-Port BusSwitch 3.3,热插入6位,2端口BusSwitch
|
Pericom Semiconductor C... Pericom Technology Pericom Semiconductor Corp. Pericom Semiconductor, Corp.
|
ZL50410GDC208 ZL50410 |
Managed 8-Port 10/100M + 1-Port 10/100/1000M Ethernet Switch
|
ZARLINK[Zarlink Semiconductor Inc]
|
MVTX2603 224 |
Unmanaged 24-Port 10/100M 2-Port 1G Ethernet Switch From old datasheet system
|
Zarlink
|