PART |
Description |
Maker |
BT136M-500D BT136M-600D BT136S-500D BT136S-600D BT |
8-Bit Multi-Level Pipeline Register 24-SOIC -40 to 85 500 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 Triacs logic level
|
NXP Semiconductors N.V. Philips Semiconductors
|
ADG3232 ADG3232BRJ-REEL7 ADG3232BRJ-REEL |
2:1 Multiplexer Level Translator with Bi-directional 1.65 V to 3.6 V Level Shift Low Voltage 2-1 Mux, Level Translator From old datasheet system
|
AD[Analog Devices]
|
ADG3231BRJ ADG3231BRJ-REEL ADG3231BRJ-REEL7 ADG323 |
Analog Devices Single-Channel Level Translator with Bi-directional 1.65 V to 3.6 V Level Shift Low Voltage, Single-Channel Level Translator
|
Analog Devices
|
IP3053CX15 |
Integrated 2, 4, 6 and 8-channel passive EMI-filter network with high-level ESD protection to IEC 61000-4-2 level 4
|
NXP Semiconductors
|
PHD108NQ03LT PHB108NQ03LT PHP_PHB_PHD108NQ03LT-02 |
TrenchMOS(tm)logic level FET From old datasheet system TrenchMOS TM logic level FET TrenchMOS logic level FET 75 A, 25 V, 0.0075 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
UPD16681A UPD16681A-001 UPD16681AP-001 |
LCD CONTROLLER/DRIVER FOR DOT MATRIX DISPLAY OF JIS LEVEL 1 AND JIS LEVEL 2 KANJI SETS
|
NEC[NEC]
|
RD74VT1G125 |
Standard IC>General-Purpose Logics>Level Shifter>High Speed Level Shifter
|
Renesas
|
MM74HC4049 MM74HC4050 MM74HC4049M MM74HC4049MTC MM |
ANA AIR CORE TACH/SPD DRV; Package: SOIC-20 WB; No of Pins: 20; Container: Rail; Qty per Container: 38 HC/UH SERIES, HEX 1-INPUT INVERT GATE, PDIP16 Hex Inverting Logic Level Down Converter • Hex Inverting Logic Level Down Converter . Hex Logic Level Down Converter
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor] http://
|
BT136-500D BT136-600D BT136SERIESD |
Triacs logic level 500 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB
|
NXP Semiconductors N.V. Philips Semiconductors
|
PSMN4R4-80PS |
N-channel 80 V, 4.1 m惟 standard level FET N-channel 80 V, 4.1 m standard level FET 100 A, 80 V, 0.0041 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-channel 80 V, 4.1 mΩ standard level FET
|
NXP Semiconductors N.V.
|