PART |
Description |
Maker |
CA14366 |
Flare series
|
Cree, Inc
|
C13016 |
Flare series
|
Cree, Inc
|
540EZNMV2 |
CABLE TERMINATED, MALE, N CONNECTOR, CAPTIVATED CLAMP TOOL-FLARE
|
CommScope, Inc.
|
F1PTM-HF-MT |
CABLE TERMINATED, MALE, TNC CONNECTOR, CAPTIVATED TAB-FLARE
|
ANDREW CORP
|
E-657-56XT 190710198 0190710198 |
InsulKrimp Brazed Ring Tongue Terminal for 6 AWG Wire, Expanded Flare, StudSize 5/16, Length 42.34mm (1.667), Mylar Tape Carrier
|
Molex Electronics Ltd.
|
LN248WALU LN248WAL |
5.0 mm × 2.0 mm Series 5.0 mm 】 2.0 mm Series FILTER, SAW, 315MHZ; Attenuation:1.9dB; Case style:QCC8B; Depth, external:1.5mm; Insertion loss:1.9dB; Length / Height, external:3.8mm; Temp, op. max 5.0 mm 2.0 mm Series
|
PANASONIC[Panasonic Semiconductor] Panasonic Corporation
|
BAS70 BAS4 BAS40 BAS70-05 BSA40 BAS70-04 BAS70-06 |
RESISTOR,SMD1206,160K,1/4W,5% Schottky Rectifier SCHOTTKY arraySERIES 0.2 A, 70 V, SILICON, SIGNAL DIODE SCHOTTKY array⑩ SERIES SCHOTTKY ARRAY⒙ SERIES SCHOTTKY array SERIES SCHOTTKY array?/a> SERIES Aluminum Electrolytic Capacitor; Capacitor Type:General Purpose; Voltage Rating:50VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-40 C to C; Capacitance:16000uF RoHS Compliant: Yes CSCA-A Series Hall-effect based, open-loop current sensor, Gallant connector, 50 A rms nominal, ±150 A range SCHOTTKYarray SERIES 0.2 A, 40 V, 2 ELEMENT, SILICON, SIGNAL DIODE SILICON, MIXER DIODE
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation] MICROSEMI CORP-LAWRENCE
|
BR25S128GUZ-W11 |
High Reliability Series Serial EEPROM Series WL-CSP EEPROMs family
|
Rohm
|
P772-006 |
6-ft. KVM Switch Daisychain Cable for B020-series and B022 series KVMs
|
Tripp Lite. All Rights ...
|
HD6472393 |
(HD6472355 Series) Series of Microcomputers Built Around The H8s/2000 Cpu
|
Renesas
|
ACT8865QI305-T |
Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
|
Active-Semi, Inc
|
|