PART |
Description |
Maker |
STM8S103K3T6C STM8S103F3M3 STM8S103F2 STM8S103K3T3 |
Mainstream Access line 8-bit MCU with 4 Kbytes Flash, 16 MHz CPU, integrated EEPROM Mainstream Access line 8-bit MCU with 8 Kbytes Flash, 16 MHz CPU, integrated EEPROM Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I2C
|
ST Microelectronics STMicroelectronics
|
STM32F103RG STM32F103RF STM32F103RGT6 STM32F103VF |
Mainstream Performance line, ARM Cortex-M3 MCU with 1 Mbyte Flash, 72 MHz CPU, motor control, USB and CAN XL-density performance line ARM-based 32-bit MCU with 768 KB to 1 MB Flash, USB, CAN, 17 timers, 3 ADCs, 13 communication interfaces Mainstream Performance line, ARM Cortex-M3 MCU with 768 Kbytes Flash, 72 MHz CPU, motor control, USB and CAN
|
ST Microelectronics STMicroelectronics
|
STM32F101T6U6A VFQFPN36 LQFP48 LQFP64 STM32F101C6T |
Mainstream Access line, ARM Cortex-M3 MCU with 16 Kbytes Flash, 36 MHz CPU Low-density access line, ARM-based 32-bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces Mainstream Access line, ARM Cortex-M3 MCU with 32 Kbytes Flash, 36 MHz CPU Low-density access line, ARM-based 32-bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces
|
STMicroelectronics ST Microelectronics
|
STM32F103VDH6 STM32F103VDH6TR STM32F103ZDH6 STM32F |
Mainstream Performance line, ARM Cortex-M3 MCU with 384 Kbytes Flash, 72 MHz CPU, motor control, USB and CAN Mainstream Performance line, ARM Cortex-M3 MCU with 512 Kbytes Flash, 72 MHz CPU, motor control, USB and CAN
|
ST Microelectronics
|
LUCL9311AP-DT LUCL9311GP-D LUCL9311GP0DT |
Line Interface and Line Access Circuit Full-Feature SLIC with High Longitudinal Balance, Ringing Relay,and GR-909 Test Access
|
http://
|
USBULC6-2F308 VT5363V032 VT536307 USBULC6-2F3 |
Single-chip USB/PS2 optical mouse 2-line IPAD, ultra low capacitance protection for high speed USB
|
STMicroelectronics
|
LUCL9312AP-DT LUCL9312AP-D LUCL9312GP-D LUCL9312GP |
Line Interface and Line Access Circuit Forward Battery SLIC and Ringing Relay for TR-57 Applications PLCC-Socket-Adapter 32-pin DIL to 32-pin PLCC for 8-Bit EPROMs
|
http://
|
ATTL7583BAJ-D ATTL7583BAJ-DT ATTL7583DAJ-DT ATTL75 |
Line Card Access Switch
|
AGERE[Agere Systems]
|
CPC7594 CPC7594BATR CPC7594BBTR CPC7594BCTR CPC759 |
Line Card Access Switch
|
Clare, Inc.
|