PART |
Description |
Maker |
SKDH116-L75 SKDH116_12-L75 SKDH116_16-L75 SKDH116/ |
三相整流桥IGBT的制动斩波器 MOSFET; ID (A): 0.03; VDS (V): 6; Pch : 0.15; |yfs| (S) typ: 0.029; PG (dB) typ: 22; Ciss (pF) typ: 2.1; NF (dB) typ: 1.75; IDSS (mA): -; Package: MPAK-4 3-Phase Bridge Rectifier IGBT braking chopper
|
Semikron International
|
S6846 S10053 S6809 |
MOSFET, Switching; VDSS (V): 600; ID (A): 11; Pch : -; RDS (ON) typ. (ohm) @10V: 0.58; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 1450; toff (µs) typ: -; Package: LDPAK (S)- (1) Light modulation photo IC 光调制照片集成电
|
Hamamatsu Photonics
|
G3VM-51PR |
Smallest Class in market, USOP Package MOS FET Relays is designed to exhibit a fast rise time and reduce signal degradation.
|
Omron Electronics LLC
|
021-3220 021-4510 021-4520 021-2220 042-3300 021-4 |
KNOB BLACK KNOB GREY ZIFFERNSCHEIBE TYP 3 KNOPFDM 14.5 ZIFFERNSCHEIBE TYP 0 KNOPFDM 14.5 PFEILSCHEIBE DM36.0 SCHWARZ ZIFFERNSCHEIBE TYP 1 KNOPFDM 36.0 ZIFFERNSCHEIBE TYP 2 KNOPFDM 14.5 ZIFFERNSCHEIBE TYP 1 KNOPFDM 14.5 ZIFFERNSCHEIBE TYP 9 KNOPFDM 14.5 ZIFFERNSCHEIBE典型9 KNOPFDM 14.5 ZIFFERNSCHEIBE TYP 8 KNOPFDM 21.0 ZIFFERNSCHEIBE典型8 KNOPFDM 21.0
|
EPCOS AG
|
S2744 S2744-08 S2744-09 S3588-08 S3588-09 |
MOSFET, Switching; VDSS (V): 150; ID (A): 17; Pch : -; RDS (ON) typ. (ohm) @10V: 0.089; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V Si PIN photodiode Large area sensors for scintillation detection 硅PIN光电二极管的大面积闪烁探测传感器
|
Hamamatsu Photonics K.K.
|
BAS116 |
Plastic SMD package Low leakage current: typ. 3 pA Switching time: typ. 0.8 us
|
TY Semiconductor Co., Ltd
|
R9110 |
MOSFET, Switching; VDSS (V): 150; ID (A): 14; Pch : -; RDS (ON) typ. (ohm) @10V: 0.097; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V
|
Hamamatsu Photonics
|
2SC3621 |
TRANSISTOR SILICON NPN EPITAXIAL TYPE (PCT PROCESS) COLOR TV VERT. DEFLECTION OUTPUT AND COLOR TV CLASS B SOUND OUTPUT APPLICATIONS
|
TOSHIBA
|
2SA1408 |
TRANSISTOR SILICON PNP EPITAXIAL TYPE (PCT PROCESS) COLOR TV VERT. DEFLECTION OUTPUT AND COLOR TV CLASS B SOUND OUTPUT APPLICATIONS
|
TOSHIBA
|
CY7C1362B-166AI CY7C1362B-166AC CY7C1360B-200BGC C |
CONNECTOR ACCESSORY 256K X 36 CACHE SRAM, 3.5 ns, PQFP100 9-Mbit (256K x 36/512K x 18) Pipelined SRAM 256K X 36 CACHE SRAM, 2.8 ns, PQFP100 9-Mbit (256K x 36/512K x 18) Pipelined SRAM 256K X 36 CACHE SRAM, 3 ns, PQFP100 MOSFET, Switching; VDSS (V): 30; ID (A): 30; Pch : 30; RDS (ON) typ. (ohm) @10V: 0.01; RDS (ON) typ. (ohm) @4V[4.5V]: [0.02]; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 1500; toff (µs) typ: 0.11; Package: DPAK (S) MOSFET, Switching; VDSS (V): 30; ID (A): 30; Pch : 30; RDS (ON) typ. (ohm) @10V: 0.01; RDS (ON) typ. (ohm) @4V[4.5V]: [0.02]; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 1500; toff (µs) typ: 0.11; Package: DPAK (L)- (2)
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp.
|
S7878 |
MOSFET, Switching; VDSS (V): -60; ID (A): -5; Pch : 20; RDS (ON) typ. (ohm) @10V: 0.14; RDS (ON) typ. (ohm) @4V[4.5V]: 0.2; RDS (ON) typ. (ohm) @2.5V
|
Hamamatsu Photonics
|