PART |
Description |
Maker |
74OL6000 74OL6011 74OL6001 74OL6010 |
HIGH-SPEED LOGIC-TO-LOGIC OPTOCOUPLERS 1 CHANNEL LOGIC OUTPUT OPTOCOUPLER
|
QT[QT Optoelectronics]
|
ISL9N303AS3ST ISL9N303AS3 ISL9N303AP3 N303AS N303A |
N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 3.2mз 75 A, 30 V, 0.005 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-262AA N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 3.2mз 75 A, 30 V, 0.005 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB RECTIFIER SCHOTTKY DUAL COMMON-CATHODE 30A 40V 250A-Ifsm 0.55Vf 1A-IR D2PAK 800/REEL-13 75 A, 30 V, 0.005 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-Channel Logic Level UltraFET Trench MOSFETs 30V / 75A / 3.2m N-Channel Logic Level UltraFET Trench MOSFETs 30V 75A 3.2m N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 3.2m?/a>
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
ACSL-6210-00RE ACSL-6210-50RE ACSL-6300 ACSL-6310 |
4 CHANNEL LOGIC OUTPUT OPTOCOUPLER, 15 Mbps Multi-Channel and Bi-Directional, 15 MBd Digital Logic Gate Optocoupler
|
AVAGO TECHNOLOGIES LIMI... AVAGO TECHNOLOGIES LIMITED
|
FQI9N08L FQB9N08L FQB9N08LTM FQI9N08LTU |
80V LOGIC N-Channel MOSFET 9.3 A, 80 V, 0.23 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263 80V N-Channel Logic Level QFET
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor] http://
|
HCPL-6230 HCPL-6231 HCPL-623K HCPL-6250 HCPL-6251 |
1 CHANNEL LOGIC OUTPUT OPTOCOUPLER, 5 Mbps Hermetically Sealed Low IF, Wide VCC, Logic Gate Optocouplers
|
AVAGO TECHNOLOGIES LIMITED
|
66079-005 66079 66079-001 66079-005H 66079-004H 66 |
OPTICALLY COUPLED DIGITAL FILTER 1 CHANNEL LOGIC OUTPUT OPTOCOUPLER, 10 Mbps SM Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 250 Vac, 5 A, Roller Lever Actuator, Solder Termination 1 CHANNEL LOGIC OUTPUT OPTOCOUPLER
|
Micropac Industries, Inc. MICROPAC[Micropac Industries]
|
FQU7N20L FQD7N20L FQD7N20LTF FQD7N20LTM |
200V N-Channel Logic Level QFET 200V LOGIC N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor] FAIRCHILD SEMICONDUCTOR CORP
|
FQU4N20L FQD4N20L FQD4N20LTM FQD4N20LTF |
200V LOGIC N-Channel MOSFET 200V N-Channel Logic Level QFET
|
FAIRCHILD[Fairchild Semiconductor]
|
FQD17N08L FQU17N08L FQD17N08LTF FQD17N08LTM |
80V LOGIC N-Channel MOSFET 80V N-Channel Logic Level QFET
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
FQI4N20L FQB4N20L FQI4N20LTU |
200V LOGIC N-Channel MOSFET 200V N-Channel Logic Level QFET
|
http:// FAIRCHILD[Fairchild Semiconductor]
|