PART |
Description |
Maker |
1044108020 1044192820 1044193220 1044107620 104410 |
KONDENSATOR POLYE RADIA 0.22UF 50V RM2.5 KONDENSATOR POLYE RADIA 1500PF 63V RM2.5 KONDENSATOR POLYE RADIA 2200PF 63V RM2.5 KONDENSATOR POLYE RADIA 0.15UF 50V RM2.5 KONDENSATOR POLYE RADIA 0.33UF 50V RM2.5 KONDENSATOR POLYE RADIA 3300PF 63V RM2.5 KONDENSATOR POLYE RADIA 0.47UF 50V RM2.5 KONDENSATOR POLYE RADIA 6800PF 63V RM2.5 KONDENSATOR POLYE RADIA 4700PF 63V RM2.5 KONDENSATOR POLYE RADI 0.015UF 63V RM2.5 KONDENSATOR POLYE RADI 0.022UF 63V RM2.5 KONDENSATOR POLYE RADIA 1000PF 63V RM2.5 KONDENSATOR POLYE RADIA 1000pF3V令吉
|
Weidmuller, Corp.
|
SCFS12000 SCFS10000 SCFS2000 SCFS4000 SCFS6000 SCF |
1.5 A, 4000 V, SILICON, RECTIFIER DIODE FAST RECOVERY HIGH VOLTAGE RECTIFIER ASSEMBLY High Voltage,High Density Fast Recovery Rectifier(反向电压4000V,温55℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压6000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压12000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压2000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压10000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(????靛?12000V锛?俯搴?5???骞冲??存??垫?1.5A,楂??锛??瀵?害锛?揩???澶??娴??)
|
Semtech Corporation
|
BUL741 |
The device is manufactured using high voltage Multi-Epitaxial Planar technology for high switching s High voltage fast-switching NPN Power Transistor
|
ST Microelectronics, Inc. STMicroelectronics
|
2SC4637LS |
NPN Triple Diffused Planar Silicon Transistor 1800V / 15mA High-Voltage Amplifier, High-Voltage Switching Applications 1800V/15mA High-Voltage Amplifier,High-Voltage Switching Applications
|
Sanyo Semicon Device
|
2SC4738 |
High voltage and high current:VCE=50V,IC=150mA(Max.) High hFE: =120 to 700
|
TY Semiconductor Co., L...
|
TX2-12V-1 |
Electromechanical Relay: 2 AMP: HIGH CAPACITY RELAY WITH HIGH SURGE VOLTAGE & HIGH BREAKDOWN VOLTAGE
|
Panasonic
|
LTC4440-5 |
High Speed, High Voltage, High Side Gate Driver
|
linear
|
LTC4440ES6 LTC4440 LTC4440EMS8E LTC444009 |
High Speed, High Voltage High Side Gate Driver
|
Linear Technology
|
DPPS16D56K-F DPPS10D12K-F DPPS10D15K-F DPPS10D18K- |
High Voltage, High Frequency, Ultra High Peak Currents
|
Cornell Dubilier Electr... http:// Cornell Dubilier Electronics
|
LTC4440ES6-5 LTC4440-5 LTC4440EMS8E-5 LTC4440EMS8E |
High Speed, High Voltage High Side Gate Driver; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C High Speed, High Voltage, High Side Gate Driver High Speed, High Voltage High Side Gate Driver; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 125°C 1.1 A BUF OR INV BASED MOSFET DRIVER, PDSO8
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|