PART |
Description |
Maker |
SC1404ISSTR SC1404 SC1404ITSTR |
Current Mode PWM Controller, Mobile Multi-Output PWM Controller With Virtual Current Sense, Tape and Reel
|
http:// SEMTECH[Semtech Corporation]
|
UC3842 UC3842D UC3842N UC3843D UC3843N UC2845D UC2 |
CURRENTMODE PWM CONTROLLER Current Mode PWM Controller(?垫?妯″?PWM?у??? CURRENTMODE PWM CONTROLLER 电流模式的PWM控制 (UC3842 - UC3845) CURRENTMODE PWM CONTROLLER (UC2843 / UC2844 / UC2845) CURRENTMODE PWM CONTROLLER
|
STMicroelectronics N.V. ST Microelectronics STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
NCP1216AD100R2G NCP1216AP100G NCP1216D133R2G NCP12 |
PWM Current-Mode Controller for High-Power Universal Off-line Supplies; Package: PDIP (8 Minus Pin 7); No of Pins: 7; Container: Rail; Qty per Container: 1000 0.5 A SWITCHING CONTROLLER, 110 kHz SWITCHING FREQ-MAX, PDIP7 PWM Current-Mode Controller for High-Power Universal Off-line Supplies with 50% Duty Cycle max; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Tape and Reel; Qty per Container: 2500 PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
|
ON Semiconductor
|
5962-8687517XX 5962-8687520XX 5962-8687515XX 5962- |
Adjustable, PWM, Step-Down Regulator Improved MX7524 3.3V, Step-Down, Current-Mode PWM DC-DC Converters 12V/15V or Adjustable, High-Efficiency, Low-IQ, Step-Up DC-DC Converters Evaluation Kit for the MAX761 High-Efficiency, PWM, Step-Down Controller (External P-Channel Driver) 5V-Output, Step-Up, Current-Mode PWM DC-DC Converter Evaluation Kit for the MAX747 Digitally Adjustable LCD Bias Supply -12V, Inverting, PWM, Current-Mode DC-DC Converter Bidirectional Video Filters/Buffers for Composite and S-Video Portable Media Devices CCFL Backlight and LCD Negative Contrast Controller Evaluation Kit for the MAX752 3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters x8双端口SRAM x8 Dual-Port SRAM x8双端口SRAM
|
Kingbright, Corp. Mini-Circuits
|
KIA3842P KIA3842F |
Current Mode PWM Controller HIGH PERFORMANCE CURRENT MODE CONTROLLER
|
Korea Electronics (KEC) KEC[KEC(Korea Electronics)]
|
FAN76020611 FAN7602 |
Flyback & Forward PWM Controllers Green Current Mode PWM Controller
|
Fairchild Semiconductor
|
CA82C59A-10CJ CA82C59A-10CN CA82C59A-8IP CA82C59A- |
300KHZ -5V/ADJ INVERTING, NEGATIVE OUTPUT CURRENT MODE PWM REGULATOR 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors ST92F124/ST92F150/ST92F250 - 8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD 3.3V Step down current mode PWM DC-DC converters 中断控制 Interrupt Controller 中断控制
|
Microchip Technology, Inc. Atmel, Corp.
|
NCP1207-D NCP1207DR2G |
PWM Current-Mode Controller for Free Running Quasi-Resonant Operation PWM电流模式控制器上运行的免费准谐振操作 PWM Current-Mode Controller for Free Running Quasi-Resonant Operation 0.5 A SWITCHING CONTROLLER, PDSO8
|
ON Semiconductor
|
L6562 FN9012 ISL6562 ISL656062E ISL656062EVAL1 ISL |
Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller PWM Controller, 2-Phase Current Mode, 5-Bit VID, Reg ?.8%, 1.05-1.825 Voltage, VRM 8.5
|
http:// INTERSIL[Intersil Corporation]
|
UC3843A-BW UC3845A-BW UC3842A-BW |
Current Mode PWM Controller Low Start-Up and Operating Current
|
First Components International First Components Intern...
|
FAN6300 FAN6300DZ FAN6300SZ |
SWITCHING CONTROLLER, PDIP8 Highly Integrated Quasi-Resonant Current Mode PWM Controller
|
FAIRCHILD SEMICONDUCTOR CORP
|
UC3842 UC3842N UC3842D |
Current-mode PWM controller
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|