PART |
Description |
Maker |
RIF-0-RPT-24DC |
Pre-assembled relay module with push-in connection, consisting of: relay base with ejector and multi-layer gold contact relay. Contact type: 1 N/O contact. Input voltage: 24 V DC
|
PHOENIX CONTACT
|
EMUG22-4REL |
Relay module, multi-channel, with 4 soldered-in miniature switching relays for DC voltage with light indicator and 1 N/O contact each, contact for small to large loads, input voltage 24 V DC
|
PHOENIX CONTACT
|
RIF-3-RPT-LV-230AC |
Pre-assembled relay module with push-in connection, consisting of: relay base, power contact relay, plug-in display/suppressor module, and retaining bracket.
|
PHOENIX CONTACT
|
RIF-3-RPT-LDP-24DC |
Pre-assembled relay module with push-in connection, consisting of: relay base, power contact relay, and retaining bracket
|
PHOENIX CONTACT
|
RC1140-RC232 |
Low Cost Multi-Channel RF Transceiver Module
|
Radiocrafts
|
WS512K8L-20CM WS512K8L-20CQA WS512K8-XCX WS512K8-2 |
512K X 8 MULTI DEVICE SRAM MODULE, 45 ns, CDIP32 512K X 8 MULTI DEVICE SRAM MODULE, 35 ns, CDIP32 512K X 8 MULTI DEVICE SRAM MODULE, 25 ns, CDIP32 512Kx8 SRAM MODULE, SMD 5962-92078
|
WEDC[White Electronic Designs Corporation]
|
PLC-BSC-48DC FBST500-PLCBU |
Solid-state relay module Universal PLC Interface with PDT Relay
|
PHOENIX CONTACT
|
CYM1836 1836 CYM1836PZ-45C CYM1836P8-15C CYM1836P8 |
128K x 32 Static RAM Module 128K X 32 MULTI DEVICE SRAM MODULE, 15 ns, ZMA64 128K x 32 Static RAM Module 128K X 32 MULTI DEVICE SRAM MODULE, 15 ns, SMA64 128K x 32 Static RAM Module 128K X 32 MULTI DEVICE SRAM MODULE, 35 ns, SMA64 128K x 32 Static RAM Module 128K X 32 MULTI DEVICE SRAM MODULE, 30 ns, SMA64 128K x 32 Static RAM Module 128K X 32 MULTI DEVICE SRAM MODULE, 30 ns, PSMA72 128K x 32 Static RAM Module 128K X 32 MULTI DEVICE SRAM MODULE, 30 ns, ZMA64 128K x 32 Static RAM Module 128K X 32 MULTI DEVICE SRAM MODULE, 15 ns, PSMA72 128K x 32 Static RAM Module 128K X 32 MULTI DEVICE SRAM MODULE, 45 ns, PSMA72 128K x 32 Static RAM Module 128K X 32 MULTI DEVICE SRAM MODULE, 35 ns, PSMA72 128K x 32 Static RAM Module 128K X 32 MULTI DEVICE SRAM MODULE, 25 ns, PSMA72 128K x 32 Static RAM Module 128K X 32 MULTI DEVICE SRAM MODULE, 25 ns, SMA64 From old datasheet system
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
FDJ1028N |
Plug-In Relay; Contacts:DPDT; Contact Carry Current:12A; Coil Voltage AC Max:12V; Relay Mounting:Plug-In; Relay Terminals:8-Pin Octal; Relay Options:Hermetically Sealed; Coil Resistance:72ohm; Contact Carrying Power:1.2W RoHS Compliant: Yes N-Channel 2.5 Vgs Specified PowerTrench MOSFET
|
Fairchild Semiconductor Corporation
|
SI-3240F SI-3120F SI-3150F SI-3090F SI-3050F SI-30 |
5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type 24 V FIXED POSITIVE LDO REGULATOR, 1 V DROPOUT, PZFM5 RELAYS; 10A 12-PIN DPDT 2 NO W/ CLIP 12 V FIXED POSITIVE LDO REGULATOR, 1 V DROPOUT, PZFM5 Plug-In Relay; Contacts:6PST-4NO/2NC; Coil Voltage DC Max:24V; Contact Carry Current:10A; Coil Resistance:540ohm; Relay Options:Polycarbonage Covers; Relay Mounting:Plug-In; Leaded Process Compatible:No; Mounting Type:Plug In 5-Terminal/ Multi-Function/ Full-Mold/ Low Dropout Voltage Dropper Type 5-Terminal Multi-Function Full-Mold Low Dropout Voltage Dropper Type
|
Sanken Electric Co., Ltd. Sanken Electric Co.,Ltd. SANKEN[Sanken electric]
|
MSR41 MSR45E |
Multi-Function Safety Relay
|
Rockwell Automation
|
|