PART |
Description |
Maker |
D1331SH |
Full blocking capability 50/60Hz over a wide temperature range
|
Infineon Technologies A...
|
BT139-60DG BT139-600E BT139-600E11 |
4Q Triac High blocking voltage capability
|
NXP Semiconductors
|
IXBOD1-16RD IXBOD1-13R IXBOD1-17R IXBOD1-14RD IXBO |
1600 V, RVS BLOCKING BOD 1300 V, RVS BLOCKING BOD 1700 V, RVS BLOCKING BOD 1400 V, RVS BLOCKING BOD 1200 V, RVS BLOCKING BOD 1500 V, RVS BLOCKING BOD 2000 V, RVS BLOCKING BOD 1800 V, RVS BLOCKING BOD
|
IXYS, Corp.
|
T1620N |
Full blocking 50/60Hz over a wide range temperature
|
Infineon Technologies A...
|
91C100FDREVB |
FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY 宴快速以太网控制器以全双工能
|
SMSC, Corp.
|
LAN91C100-FD-ST |
FEAST Fast Ethernet Controller with Full Duplex Capability 2 CHANNEL(S), 100M bps, LOCAL AREA NETWORK CONTROLLER, PQFP208
|
SMSC, Corp.
|
MCR264-4-D MCR264-4 |
Silicon Controlled Rectifier Reverse Blocking Thyristor(40A400V硅控整流器反向截止晶闸管) 40 A, 200 V, SCR, TO-220AB Silicon Controlled Rectifiers Reverse Blocking Thyristors
|
ON Semiconductor
|
SRD00315X SRD00314A SRD00314 SRD00314G SRD00314X S |
Ternary PIN Photodiode with Blocking Filter for 3rd Window 三元PIN光电二极管与第三窗口拦截 Ternary PIN Photodiode with Blocking Filter for 3 rd Window From old datasheet system
|
SIEMENS AG Infineon SIEMENS[Siemens Semiconductor Group]
|
P600M6A10 P600B6A1 P600A6A05 P600G6A4 P600G P600J |
Silicon rectifier.Current 6.0A. Maximum recurrent peak reverse voltage 1000V. Maximum RMS voltage 700V. Maximum DC blocking voltage 1000V Silicon rectifier.Current 6.0A. Maximum recurrent peak reverse voltage 800V. Maximum RMS voltage 560V. Maximum DC blocking voltage 800V Silicon rectifier.Current 6.0A. Maximum recurrent peak reverse voltage 600V. Maximum RMS voltage 420V. Maximum DC blocking voltage 600V Silicon rectifier.Current 6.0A. Maximum recurrent peak reverse voltage 400V. Maximum RMS voltage 280V. Maximum DC blocking voltage 400V SILICON RECTIFIER(VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 6.0 Amperes) 一般整流(电压范围- 50000伏特,电六点○安培)
|
WINGS[Wing Shing Computer Components] Vishay Intertechnology, Inc.
|
2N6504-D |
Reverse Blocking Thyristors
|
ON Semiconductor
|
BZD142-91 BZD142 BZD142-100 BZD142-110 BZD142-120 |
ZenBlockTM; zener with integrated blocking diode 120 V, 2.1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ZenBlockTM; zener with integrated blocking diode 82 V, 2.1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ZenBlockTM; zener with integrated blocking diode 100 V, 2.1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ZenBlockTM; zener with integrated blocking diode 91 V, 2.1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
SunLED Co., Ltd. NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
PI3HDMI1310-A |
HDMI Switch with non-blocking EQ Circuitry
|
Pericom Semiconductor C...
|