PART |
Description |
Maker |
0128360000 |
Terminal Block; Wire Size (AWG):22-10; Mounting Type:DIN Rail; Color:Beige; Terminal Block Clamp Type:Screw Clamp RoHS Compliant: Yes 36 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Weidmuller, Corp.
|
AST223XX |
spring clamp terminal block, THR solderable, double solder pins
|
METZ CONNECT GmbH
|
1011200000 |
Terminal Block; Wire Size (AWG):22-12; Mounting Type:DIN Rail; Color:Beige; Terminal Block Clamp Type:Screw Clamp; External Width:35mm; Voltage Rating, AC:800V RoHS Compliant: Yes 10 A, MODULAR TERMINAL BLOCK, 1 DECK
|
Weidmuller, Corp.
|
1697120000 |
Terminal Block; Number of Positions:2; Pitch Spacing:0.2"; Wire Size (AWG):26-12; Mounting Type:PC Board; Color:Black; Leaded Process Compatible:Yes; Number of Contacts:2; Terminal Block Clamp Type:Screw Clamp
|
WEIDMULLER
|
1728000000 |
Terminal Block; Number of Positions:8; Pitch Spacing:0.13"; Wire Size (AWG):24-12; Mounting Type:PC Board; Gender:Male; Leaded Process Compatible:Yes; Number of Contacts:8; Number of Rows:2; Terminal Block Clamp Type:Screw Clamp
|
WEIDMULLER
|
1553160000 |
Terminal Block; Number of Positions:6; Pitch Spacing:0.2"; Wire Size (AWG):26-12; Mounting Type:PC Board; Leaded Process Compatible:Yes; Terminal Block Clamp Type:Screw Clamp 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, SCREW, SOCKET
|
Weidmuller, Corp.
|
PA350 |
From old datasheet system RISING CLAMP TERMINAL BLOCK
|
ETC[ETC]
|
0395430005 |
5.00mm (.197) Pitch Eurostyle Vertical Fixed Mount PCB Terminal Block, with Screw Pressure Clamp, 5 Circuits
|
Molex Electronics Ltd.
|
19131-0031 19131-0044 19129-0050 19131-0041 19139- |
191310031 0.8 mm2, COPPER ALLOY, WIRE TERMINAL BLOCK SPADE INSULKRIMP TAPED (AA-2109-04 0.8 mm2, COPPER ALLOY, WIRE TERMINAL BLOCK SPADE KRIMPTITE ON TAPE (AA-1118-0 0.8 mm2, COPPER ALLOY, WIRE TERMINAL BLOCK SPADE INSULKRIMP TAPED (AA-2118-06 0.8 mm2, COPPER ALLOY, WIRE TERMINAL BLOCK SPADE AVIKRIMP (BB-8781-08) 2 mm2, COPPER ALLOY, WIRE TERMINAL BLOCK SPADE INSULKRIMP (BB-2781-08X) 2 mm2, COPPER ALLOY, WIRE TERMINAL BLOCK SPADE KRIMPTITE TAPED (AA-1109-02T BLOCK SPADE AVIKRIMP TAPED (AA-834-06T) BLOCK SPADE KRIMPTITE (AA-134-08) BLOCK SPADE VERSAKRIMP (BB-3781-10) 191470063 BLOCK SPADE VERSAKRIMP (BB-3471-06) SPADE VERSAKRIMP (AA-334-10) SPADE VERSAKRIMP TAPED (AA-338-06T) BLOCK SPADE VERSAKRIMP (BB-3471-04) BLOCK SPADE VERSAKRIMP (C-3105-10)
|
Molex, Inc. MOLEX INC
|
12-142 13-142 |
Terminal Block; Number of Positions:12; Pitch Spacing:0.563"; Wire Size (AWG):10; Color:Black; Leaded Process Compatible:No; Number of Contacts:12; Peak Reflow Compatible (260 C):No 30 A, BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK CONN BARRIER BLOCK .563 13 POS 30 A, BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK
|
Cinch Connectors
|
|