PART |
Description |
Maker |
AMS1117 AMS1117-15 AMS1117-18 AMS1117-25 AMS1117-3 |
5.0V 800mA low dropout voltage regulator 3.3V 800mA low dropout voltage regulator 2.85V 800mA low dropout voltage regulator 2.5V 800mA low dropout voltage regulator 1.8V 800mA low dropout voltage regulator 1.5V 800mA low dropout voltage regulator 800mA LOW DROPOUT VOLTAGE REGULATOR 800mA的低压差稳压 BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Overtravel Plunger Actuator, 2,5 N - 3,61 N [9 oz - 13 oz] Operating Force, Silver Contacts, Screw Termination, CE, CSA, DEMKO,
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems] http://
|
CLM2810 CLM2810-33 CLM2810AT CLM2810AT-X CLM2810M |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection ADJUSTABLE POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSFM3 2.85V / 1.0A Low Dropout Regulator 10V / 1.0A Low Dropout Regulator 12V / 1.0A Low Dropout Regulator 3.3V / 1.0A Low Dropout Regulator Ajustable 1.0A Low Dropout Regulator
|
Calogic LLC CALOGIC[Calogic, LLC] Calogic LLC
|
B033 B033S-X B033N-X B033D-X B033T-X B033D-1.8 B03 |
Adjustable 1.0A low dropout voltage regulator 3.3V 1.0A low dropout voltage regulator 2.5V 1.0A low dropout voltage regulator 1.8V 1.0A low dropout voltage regulator 1.0Amp Low Dropout Voltage Regulator Adjustable & Fix (0.40Volt Dropout) 1.0Amp低压差线性稳压器可调 1.0Amp Low Dropout Voltage Regulator Adjustable & Fix (0.40Volt Dropout) 1.0 Amp Low Dropout Voltage Regulator 3.0V 1.0A low dropout voltage regulator
|
ETC Bay Linear List of Unclassifed Manufacturers BayLinear
|
TK71621ASILH TK71621ASCLH TK71634SILH TK71640ASILH |
LOW DROPOUT VOLTAGE REGULATOR 1.5 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO5 LOW DROPOUT VOLTAGE REGULATOR 低压差稳压器 LOW DROPOUT VOLTAGE REGULATOR 3.1 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO5 LOW DROPOUT VOLTAGE REGULATOR 4.3 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO5 LOW DROPOUT VOLTAGE REGULATOR 4.6 V FIXED POSITIVE LDO REGULATOR, 0.31 V DROPOUT, PDSO5 LOW DROPOUT VOLTAGE REGULATOR 4.5 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO5 CIR 11C 11#16 FR SKT RECP LOW DROPOUT VOLTAGE REGULATOR
|
TOKO Inc. TOKO, Inc.
|
TK71530 TK715XX TK71519 TK71519S TK71519SCL TK7151 |
LOW DROPOUT VOLTAGE REGULATOR 2.7 V FIXED POSITIVE LDO REGULATOR, 0.28 V DROPOUT, PDSO3 LOW DROPOUT VOLTAGE REGULATOR 4.8 V FIXED POSITIVE LDO REGULATOR, 0.28 V DROPOUT, PDSO3 LOW DROPOUT VOLTAGE REGULATOR 8 V FIXED POSITIVE LDO REGULATOR, 0.33 V DROPOUT, PDSO3 LOW DROPOUT VOLTAGE REGULATOR 低压差稳压器 CAP 220UF 4V ELECT HB SMD
|
TOKO, Inc. TOKO Inc. TOKO[TOKO Inc] TOKO[TOKO, Inc]
|
AMS2906 AMS2906-15 AMS2906-25 AMS2906-28 AMS2906-3 |
5.0V 600mA low dropout voltage regulator 2.85V 600mA low dropout voltage regulator 2.5V 600mA low dropout voltage regulator 1.5V 600mA low dropout voltage regulator Synchronous Presettable Binary Counters with Asynchronous Reset 16-SOIC -55 to 125 600mA的低压差稳压 600mA LOW DROPOUT VOLTAGE REGULATOR 600mA的低压差稳压 Synchronous Presettable Binary Counters with Asynchronous Reset 16-PDIP -55 to 125 3.3V 600mA low dropout voltage regulator
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems] Advanced Monolithic Sys...
|
ILC7081 ILC7081AIM525X ILC7081AIM526X ILC7081AIM52 |
50/100mA SOT-23 CMOS RF LDO Regulators 50/100mA的SOT - 23 CMOS射频LDO稳压 0.08A Low Dropout Voltage Regulator 0.15A Low Dropout Voltage Regulator
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation
|
AMS1503 AMS1503CM AMS1503CM-15 AMS1503CM-25 AMS150 |
3A LOW DROPOUT VOLTAGE REGULATORS 3A低压降稳压器 3A LOW DROPOUT VOLTAGE REGULATORS A低压降稳压器 LPB RND MNT BLK SLGP SLDR
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems]
|
MSK5115-5.0BTU MSK5115-5.0BZD MSK5115-5.0BTS MSK51 |
Adj, High current, low dropout voltage regulator HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS 大电流,低降稳压 12V, High current, low dropout voltage regulator
|
Electronic Theatre Controls, Inc. M.S. Kennedy Corp.
|
NCP693DMN12TCG NCP693DMN25TCG NCP693DMN33TCG |
1A CMOS Low-Dropout Voltage Regulator 1.2 V FIXED POSITIVE LDO REGULATOR, 1.38 V DROPOUT, PDSO6 1A CMOS Low-Dropout Voltage Regulator
|
ON Semiconductor
|
SPX2954N-L-3.3 SPX2954N-L-3.3/TR SPX2954N-L-5.0 SP |
5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PSFM3 250mA Low Dropout Voltage Regulator, 0.5% 250mA Low Dropout Voltage Regulator, 1.0%
|
Sipex Corporation
|