PART |
Description |
Maker |
HF9312-027M34 HF9312 HF9312-005L01 HF9312-005L03 H |
HALF-SIZE CRYSTAL CAN HERMETICALLY SEALED RELAY WITH ESTABLISHED RELIABILITY
|
List of Unclassifed Manufacturers ETC[ETC]
|
DEN802 |
Lead (Pb)-Bearing Thick Film Chip Resistors with CECC Approval, Available with Established Reliability
|
Vishay Siliconix
|
T492A156J025BC4251 T492B156J025BC4251 T492C156J025 |
Established reliability options Symmetrical, compliant terminations Established reliability options Symmetrical, compliant terminations
|
Kemet Corporation http://
|
RCWPM-1100 RCWPM-550 RCWPM-575 RCWPM-5100 RCWPM-51 |
Thick Film Chip Resistors, Military/Established Reliability MIL-PRF-55342 Qualified, Type RM
|
Vishay Intertechnology,Inc.
|
M3900622-0441H 300074 M39006-22 M39006-25 M3900622 |
Wet Tantalum Capacitors, Military Established Reliability, MIL-PRF-39006/22/25 Qualified Styles CLR79, CLR81
|
Vishay Siliconix
|
ENH ERH |
Military/Established Reliability, MIL-R-39009 Qualified, Type RER, R Level, Aluminum Housed, Standard (ERH) or Non-inductive (ENH) Winding, Complete Environmental Protection
|
Vishay
|
RNR/RNNRESISTORSMIL-PRF-55182 |
Established Reliability ''S'' Level, MIL-PRF-55182, Characteristics E and C, Excellent long-term stability, Impervious to harmful environments, Inert gas filled, Low noise
|
Vishay
|
MBB0207IC1333DC100 MBB02070C1133DCT00 MBB0207IC100 |
MBA/SMA 0204 VG06, MBB/SMA 0207 VG06, MBE/SMA 0414 VG06 - Leaded Metal Film Resistors with Established Reliability RES THNFLM 3.83M OHM 1% 3/5W 50PPM/ C AXL TH - Ammo Pack Res Thin Film 1.05K Ohm 1% 3/5W ±50ppm/C Conformal AXL Thru-Hole Ammo Pack RES THNFLM 82.5 OHM 1% 3/5W 50PPM/ C AXL TH - Tape and Reel
|
Vishay Beyschlag
|
CLA4603-000 CLA4606-000 CLA4601-000 CLA4602-000 |
Established Skyworks limiter diode process
|
Skyworks Solutions Inc.
|
XQV1000 XQC100-4CG560M XQC1000-4CG560M XQC300-4CG5 |
QPro Virtex 2.5V QML high-reliability FPGA. SMD number 5962-9957201NNA. QPro Virtex 2.5V QML High-Reliability FPGAs FPGA, 1536 CLBS, 322970 GATES, PBGA352 QPro Virtex 2.5V QML High-Reliability FPGAs FPGA, 661111 GATES, PBGA432 QPro Virtex 2.5V QML High-Reliability FPGAs QPro的Virtex 2.5V的QML第高可靠性的FPGA QPro Virtex 2.5V QML high-reliability FPGA. SMD number 5962-9957301NUA QPro Virtex 2.5V QML high-reliability FPGA. SMD number 5962-9957201NUA.
|
Xilinx, Inc.
|
IMS-5B-ER IMS-5A-ER IMS-5A_B_ER IMS-5B-ER1.5010 IM |
1 ELEMENT, 5.1 uH, IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 0.18 uH, PHENOLIC-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 2.7 uH, IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 1.5 uH, IRON-CORE, GENERAL PURPOSE INDUCTOR From old datasheet system Military/Established Reliability, MIL-C-39010 Qualified M39010/01/02, Magnetic Shield 1 ELEMENT, 0.12 uH, PHENOLIC-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 0.16 uH, PHENOLIC-CORE, GENERAL PURPOSE INDUCTOR
|
VISHAY DALE
|