PART |
Description |
Maker |
2230003 |
IP66/IP67 rated with faceplate secured to the base
|
PHOENIX CONTACT
|
2230000 |
IP66/IP67 rated with faceplate secured to the base
|
PHOENIX CONTACT
|
661-505-64 661-505-64-40 661-508-64 661-508-64-40 |
IP67 Rated Panel Mount Indicator Provisional
|
Marl International Limited Marl International Limi...
|
PE45132 |
TNC Female Bulkhead Mount Connector Solder Attachment for RG178, RG196 IP67 Rated
|
Pasternack Enterprises,...
|
PE45133 |
N Female Connector Crimp/Solder Attachment 4 Hole Flange Mount for RG316, RG174, LMR-100 IP67 Rated
|
Pasternack Enterprises,...
|
677-501-22-R 677-521-22-Y 677-930-21-B 677-930-23- |
LED 7MM IP67 ROT 1500 MCD 660NM 24V LED 7MM IP67 GELB2500 MCD 590NM 24V LED 7MM IP67 BLAU 1000 MCD 450NM 12V Dual, Ultra-Low-Voltage SOT23 µP Supervisors with Manual Reset and Watchdog Timer LED 7MM IP67 GRUEN 2000 MCD 525NM 12V LED 7MM IP67 ROT 1500 MCD 660NM 28V LED 7MM IP67 GELB2500 MCD 590NM 28V LED 7MM IP67 GELB 2500 MCD 590NM 12V LED 7MM IP67 GRUEN2000 MCD 525NM 28V LED 7MM IP67 ROT 1500 MCD 660NM 12V Dual, Ultra-Low-Voltage SOT23 µP Supervisors with Manual Reset and Watchdog Timer 发光二极mm的等级IP67 WEISS1000麦当8V
|
Amphenol, Corp.
|
169306 139304 139306 139406 119406 |
SOCKET SURFACE 110V 32A IP67 WANDSTECKDOSE 32A BLAU SOCKET SURFACE 3P E 400V 32A IP67 SOCKET SURFACE 3P E 400V 16A IP67 WANDSTECKDOSE 63A BLAU WANDSTECKDOSE 63A条布
|
Avago Technologies, Ltd.
|
B84142-A60-R B84142-A10-R B84142-A20-R B84142-A30- |
Power line filters for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 10 to 60 A
|
EPCOS[EPCOS]
|
B82432-A1152-K B82432-A1182-K B82432-A1472-K B8243 |
Size 1812 (EIA) or 4532 (IEC) Rated inductance 1,0 to 1000 mH Rated current 55 to 600 mA
|
EPCOS
|
B82478-A1684-M B82478-A1103-M B82478-A1103-M_1 B82 |
Rated inductance 10 to 1000 mH Rated current 400 to 3500 mA
|
EPCOS[EPCOS]
|
B84114-D-A30 B84114-D-A60 B84114-D-B20 B84114-D-K1 |
SIFI-D for high insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 1 A to 10 A 推出SIFI -高插入额定电50损失研发0/60赫兹额定电流1 A0
|
EPCOS AG
|