PART |
Description |
Maker |
1301500186 |
60 Amp Watertite Pin and Sleeve Connector with Flip Lid, 3 Pole/4 Wire
|
Molex Electronics Ltd.
|
EDI8G32512C17MMC EDI8F32512C17MMC EDI8F32512C17MZC |
200MHz Rail-to-Rail Amplifiers; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R X32号的SRAM模块 Ultra-High Current Pin Driver; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R
|
TE Connectivity, Ltd.
|
ZL2008ALAFT ZL2008ALAFT1 ZL2008 |
Digital DC-DC Controller with Drivers and Pin-Strap Current Sharing; Temperature Range: -40°C to 85°C; Package: 36-QFN T&R SWITCHING CONTROLLER, 1400 kHz SWITCHING FREQ-MAX, PQCC36
|
Intersil, Corp. Intersil Corporation
|
MAX4950ACTXT |
Dual PCI Express Equalizer/Redriver; Package: TQFN;36 pin;37 mm² ; Temperature: 0°C to 70°C BUF OR INV BASED PRPHL DRVR, QCC36
|
Maxim Integrated Products, Inc.
|
MAX7358EUG |
1-to-8 I²C Bus Switches/Multiplexers with Bus Lock-up Detection, Isolation, and Notification; Package: TSSOP, 24 pin ; Temperature Range: -40°C to 85°C
|
MAXIM INTEGRATED PRODUCTS INC
|
5-281519-0 |
Pin and Pinless Headers (AMP-LATCH); MIL-T HDR ASSY STR ( AMP )
|
Tyco Electronics
|
5102153-7 |
Pin and Pinless Headers (AMP-LATCH); A/L UNIV HDR 30P VERT ( AMP )
|
Tyco Electronics
|
7-1437045-3 |
Pin and Pinless Headers (AMP-LATCH); 609-4007=HDR IDC P 40 RA .062 ( AMP )
|
Tyco Electronics
|
499206-6 |
Pin and Pinless Headers (AMP-LATCH); 026 UNIV HDR SP 4S 30DP STD L1 ( AMP )
|
Tyco Electronics
|
1301460050 |
Watertite Connector, 3 Pole/3 Wire, Non-NEMA, 15A/125V, 10A/250V, Cord Grip
|
Molex Electronics Ltd.
|
MAX15029ATBT |
1.425V to 3.6V Input, 500mA Low-Dropout Regulators with BIAS Input; Package: TDFN-EP;10 pin;10 mm² ; Temperature: -40°C to 125°C 0.5 V-3.3 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.15 V DROPOUT, PDSO10
|
Maxim Integrated Products, Inc.
|