PART |
Description |
Maker |
1255AY-2R2N |
Inductance test frequency
|
Murata Manufacturing Co...
|
A914BYW-3R5M |
Inductance test frequency
|
Murata Manufacturing Co...
|
PM105SB-470L-RC |
Power Inductor; Series:PM105SB; Inductance:47uH; Inductance Tolerance: /- 15 %; Self Resonant Frequency:11MHz; Terminal Type:PCB Surface Mount; Core Material:Ferrite; Current Rating:1A; DC Resistance Max:0.14ohm
|
BOURNS INC
|
PM1812-221J-RC PM1210-470J-RC PM1812-470J-RC PM181 |
SMT Chip Inductors SMD Inductor; Series:PM1210; Inductance:10uH; Inductance Tolerance: /- 5 %; Q Factor:30; Self Resonant Frequency:36MHz; Terminal Type:PCB Surface Mount; Core Material:Ferrite; Current Rating:150mA; Leaded Process Compatible:Yes SMD Inductor; Series:PM1812; Inductance:3.3uH; Inductance Tolerance: /- 5 %; Q Factor:50; Self Resonant Frequency:45MHz; Terminal Type:PCB Surface Mount; Current Rating:335mA; Leaded Process Compatible:Yes SMD Inductor; Series:PM1210; Inductance:1.5uH; Inductance Tolerance: /- 5 %; Q Factor:28; Self Resonant Frequency:85MHz; Terminal Type:PCB Surface Mount; Core Material:Ferrite; Current Rating:370mA; Leaded Process Compatible:Yes
|
Bourns Electronic Solutions BOURNS INC
|
PM0805-2N2M PM0805-R39K |
SMD Inductor; Series:PM0805; Inductance:2.2nH; Inductance Tolerance: /- 20 %; Q Factor:15; Self Resonant Frequency:6GHz; Package/Case:0805; Terminal Type:PCB Surface Mount; Core Material:Ceramic; Current Rating:600mA SMD Inductor; Series:PM0805; Inductance:390nH; Inductance Tolerance: /- 10 %; Q Factor:40; Self Resonant Frequency:700MHz; Package/Case:0805; Terminal Type:PCB Surface Mount; Core Material:Ceramic; Current Rating:200mA
|
BOURNS INC
|
PM0805-2N2M-RC PM0805-R47K-RC |
SMD Inductor; Series:PM0805; Inductance:2.2nH; Inductance Tolerance: /- 20 %; Q Factor:15; Self Resonant Frequency:6GHz; Package/Case:0805; Terminal Type:PCB Surface Mount; Core Material:Ceramic; Current Rating:600mA SMD Inductor; Series:PM0805; Inductance:470nH; Inductance Tolerance: /- 10 %; Q Factor:40; Self Resonant Frequency:650MHz; Package/Case:0805; Terminal Type:PCB Surface Mount; Core Material:Ceramic; Current Rating:170mA
|
BOURNS INC
|
U2009-150Y U2009-220Y U2009-3R3Y U2009-4R4Y |
CHOKE, POWER, SHIELDED, 15UH; Inductor type:Shielded Power Choke; Inductance:15uH; Tolerance, inductance:30%; Resistance:1370mR; Frequency, resonant:40MHz; Case style:SMD Shielded; Q factor:10; Material, core:Ferrite DR/RI; RoHS Compliant: Yes CHOKE, POWER, SHIELDED, 22UH; Inductor type:Shielded Power Choke; Inductance:22uH; Tolerance, inductance: /-30%; Resistance:2600mR; Frequency, resonant:30MHz; Case style:SMD Shielded; Q factor:10; Material, core:Ferrite DR/RI; RoHS Compliant: Yes CHOKE, POWER, SHIELDED, 3.3UH; Inductor type:Shielded Power Choke; Inductance:3.3uH; Tolerance, inductance: /-30%; Resistance:320mR; Frequency, resonant:100MHz; Case style:SMD Shielded; Q factor:7; Material, core:Ferrite DR/RI; RoHS Compliant: Yes CHOKE, POWER, SHIELDED, 4.4UH; Inductor type:Shielded Power Choke; Inductance:4.4uH; Tolerance, inductance: /-30%; Resistance:430mR; Frequency, resonant:85MHz; Case style:SMD Shielded; Q factor:7; Material, core:Ferrite DR/RI; RoHS Compliant: Yes
|
BOURNS INC
|
5PNR-3538Z 332PN-3489Z 332PN-3490Z 332PN-3491Z 332 |
Variable Coils Inductance Range(uH) = 56.0 Inductance Range(uH) = 82.0 Inductance Range(uH) = 120.0 Inductance Range(uH) = 470.0
|
http:// TOKO Inc. TOKO[TOKO, Inc] TOKO, Inc.
|
DFE18SANR24ME0 |
When rated current is applied to the products, inductance will be within 30% of initial inductance value range
|
Murata Manufacturing Co...
|
DFE18SANR47MG0 |
When rated current is applied to the products, inductance will be within 30% of initial inductance value range
|
Murata Manufacturing Co...
|
PM3700-80-RC PM3700-30-RC |
Power Inductor; Series:PM3700; Inductance:750uH; Terminal Type:PCB Surface Mount; Current Rating:5.5A; Frequency Max:20MHz; Frequency Min:1MHz; Leaded Process Compatible:Yes; Mounting Type:Surface Mount; Packaging:Cut Tape
|
Bourns Inc.
|