Part Number Hot Search : 
ABT16 TM12864 SMBJ16CA SMBJ16CA ABT16 AN101 144EU B2300
Product Description
Full Text Search

1239AS-H-2R2M - Rated current (Isat) is specified when the decrease of the initial inductance value at 30%

1239AS-H-2R2M_9051110.PDF Datasheet


 Full text search : Rated current (Isat) is specified when the decrease of the initial inductance value at 30%


 Related Part Number
PART Description Maker
DFE201610E-4R7M Rated current (Isat) is specified when the decrease of the initial inductance value at 30%
Murata Manufacturing Co...
DFE201610P-1R0M DFE201610P-1R0M-18 Rated current (Isat) is specified when the decrease of the initial inductance value at 30%
Murata Manufacturing Co...
DFE201208S-R47M-18 Rated current (Isat) is specified when the decrease of the initial inductance value at 30%
Murata Manufacturing Co...
1239AS-H-100M-18 Rated current (Isat) is specified when the decrease of the initial inductance value at 30%
Murata Manufacturing Co...
DFE201610E-100M DFE201610E-100M-18 Rated current (Isat) is specified when the decrease of the initial inductance value at 30%
Murata Manufacturing Co...
DFE201610P-R47M-18 Rated current (Isat) is specified when the decrease of the initial inductance value at 30%
Murata Manufacturing Co...
B82500-C-A8 B82500 B82500-C-A10 B82500-C-A2 B82500 VHF chokes with ferrite core Rated voltage 250 V dc/ac Rated current 0,2 to 2 A Rated inductance 120 to 3900 mH
EPCOS[EPCOS]
B82432-H1224-K B82432-H1333-K B82432-H1334-K B8243 High-current version Size 1812 (EIA) or 4532 (IEC) Rated inductance 1,0 to 330 mH Rated current 110 to 1100 mA
EPCOS[EPCOS]
THNR1115-2R2 High current ( Isat up to 25A ), though hole type
Delta Electronics, Inc.
C62122-A132-B95 B84115-E-A110 B84115-E-A30 B84115- SIFI-E for high insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 3 A to 10 A
EPCOS AG
EPCOS[EPCOS]
B84113-C-L60 B84113-C-A110 B84113-C-A30 B84113-C-A SIFI-C for very high insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 3 A to 10 A
EPCOS[EPCOS]
B82134 B82111-E B82114 B82114-R-A1 B82114-R-A4 B82 VHF chokes for power line applications Rated voltage 500 V dc/ac Rated current max. 1 A
EPCOS AG
EPCOS[EPCOS]
 
 Related keyword From Full Text Search System
1239AS-H-2R2M Emitter 1239AS-H-2R2M ocr 1239AS-H-2R2M clock 1239AS-H-2R2M ram 1239AS-H-2R2M rail
1239AS-H-2R2M npn transistor 1239AS-H-2R2M molex 1239AS-H-2R2M 制造商 1239AS-H-2R2M schematic 1239AS-H-2R2M motorola
 

 

Price & Availability of 1239AS-H-2R2M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.12563586235046