PART |
Description |
Maker |
FS6051 FS6050 FS6053 FS6054 11257-813 11257-816 11 |
LOW-SKEW CLOCK FANOUT BUFFER ICs 低偏移时钟扇出缓冲器集成电路 Coaxial Cable; Coaxial RG/U Type:178B; Impedance:50ohm; Conductor Size AWG:30; No. Strands x Strand Size:7 x 38; Jacket Material:FEP; Cable/Wire MIL SPEC:M17/169-00001; Jacket Color:White; Leaded Process Compatible:Yes RoHS Compliant: Yes
|
List of Unclassifed Manufacturers Electronic Theatre Controls, Inc.
|
10A02 10A01 10A07 10A03 10A04 10A05 10A06 |
10 Amp Rectifier 50 to 1000 Volts Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:23; No. Strands x Strand Size:Solid; Jacket Material:FEP; Conductor Material Coaxial Cable; Coaxial RG/U Type:58; Impedance:53.5ohm; Conductor Size AWG:20; No. Strands x Strand Size:19 x 32; Jacket Material:Polyvinylchloride (PVC); Jacket Color:Black; Leaded Process Compatible:Yes; Voltage Nom.:300V RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:62; Impedance:93ohm; Conductor Size AWG:22; No. Strands x Strand Size:Solid; Jacket Material:Thermoplastic; Jacket Color:Natural; Leaded Process Compatible:Yes; Number of Conductors:1 RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:58; Impedance:53.5ohm; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Material:FEP; Jacket Color:Natural; Leaded Process Compatible:Yes; Voltage Nom.:300V RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:LSPVC; Conductor Material:Copper; Jacket Color:Natural; Leaded Process Compatible:Yes RoHS Compliant: Yes
|
Micro Commercial Compon... MCC[Micro Commercial Components] Micro Commercial Components Corp.
|
MBRS1100T3 SK18 10BQ100 10MQ100N HSM1100J HSM190J |
Brilliance Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:23; No. Strands x Strand Size:Solid; Jacket Material 1 Amp Schottky Rectifier
|
MICROSEMI CORP-SCOTTSDALE MICROSEMI[Microsemi Corporation]
|
ZM-PTZ9.1B ZM-PTZ10B ZM-PTZ11B ZM-PTZ12B ZM-PTZ13B |
RF/Coaxial Connector; RF Coax Type:SMA; Contact Termination:Crimp; Body Style:Straight Plug; RG Cable Type:55B, 142B, 223, 400 RoHS Compliant: Yes 硅平面稳压二极管外延 RECEPTACLE RoHS Compliant: Yes 硅平面稳压二极管外延 PLUG RoHS Compliant: Yes 硅平面稳压二极管外延 RF/Coaxial Connector; RF Coax Type:SMA; Body Style:Straight Bulkhead Jack RoHS Compliant: Yes 硅平面稳压二极管外延 SILICON EPITAXIAL PLANAR ZENER DIODES 硅平面稳压二极管外延 SMA, Connector RoHS Compliant: Yes 硅平面稳压二极管外延 RF/Coaxial Connector Adapter; RF Coax Type:SMA; Impedance:50ohm; Body Style:Right Angle Adapter, Plug-Jack; Body Plating:Passivated Steel RoHS Compliant: Yes 硅平面稳压二极管外延 RF/Coaxial Connector; RF Coax Type:SMA; Contact Termination:Crimp; Body Style:Straight Plug; RG Cable Type:58, 58A, 58C, 141, 303, LMR195, Belden 7806A RoHS Compliant: Yes RF/Coaxial Connector; RF Coax Type:SMA; Contact Termination:Solder; Body Style:Straight Plug; RG Cable Type:174, 188A, 316, Belden 7805A RoHS Compliant: Yes RF/Coaxial Connector; RF Coax Type:SMA; Contact Termination:Crimp; Body Style:Right Angle Plug; RG Cable Type:55, 142, 223, 400 RoHS Compliant: Yes RF/Coaxial Connector; RF Coax Type:SMA; Contact Termination:Solder; Body Style:Right Angle Plug; RG Cable Type:174, 188A, 316, Belden 7805A RoHS Compliant: Yes RF/Coaxial Connector; RF Coax Type:SMA; Contact Termination:Crimp; Body Style:Straight Plug; RG Cable Type:174, 178, 187, 188, 316 RoHS Compliant: Yes RF/Coaxial Connector; RF Coax Type:SMA; Contact Termination:Crimp; Body Style:Straight Plug; RG Cable Type:188, 316 RoHS Compliant: Yes RF/Coaxial Connector; RF Coax Type:SMA; Contact Termination:Crimp; Body Style:Right Angle Plug; RG Cable Type:316DB RoHS Compliant: Yes
|
Semtech, Corp. SEMTECH[Semtech Corporation]
|
BYX82 BYX83 BYX84 BYX85 BYX86 |
Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Conductor Material:Steel; Conductor Plating:Copper; Jacket Color:Black; Leaded Process Compatible:Yes RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Conductor Material:Steel; Conductor Plating:Copper; Jacket Color:Black RoHS Compliant: Yes Silicon Mesa Rectifiers From old datasheet system
|
Vishay Intertechnology,Inc. Vishay Siliconix
|
WGA-3686-3M-W75-79 WGA-3645-NF-W90-79 WGA-3625-SM- |
CABLE AND WAVEGUIDE TERMINATED, FEMALE, WAVEGUIDE TO COAXIAL ADAPTER CABLE AND WAVEGUIDE TERMINATED, MALE, WAVEGUIDE TO COAXIAL ADAPTER
|
|
FL141-12SMNM |
Coaxial Cable
|
Mini-Circuits
|
141-8SMNM |
Coaxial Cable
|
Mini-Circuits
|
047-3SMP |
Coaxial Cable
|
Mini-Circuits
|