PART |
Description |
Maker |
LD2979XX50 LD2979XX38 LD2979XX33 LD2979XX32 LD2979 |
VERY LOW DROP VOLTAGE REGULATOR WITH INHIBIT 很好低压差电压调节器抑制研究 From old datasheet system VERY LOW DROP VOLTAGE REGULATOR WITH INHIBIT
|
STMicroelectronics ST Microelectronics
|
NCV4276DT33RK NCV4276DS50 NCV4276DS18R4 |
Low-Drop Voltage Regulator 3.3 V FIXED POSITIVE LDO REGULATOR, 1.332 V DROPOUT, PSSO4 Low-Drop Voltage Regulator 5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PSSO5 Low-Drop Voltage Regulator 1.8 V FIXED POSITIVE LDO REGULATOR, 2.772 V DROPOUT, PSSO5
|
ON Semiconductor
|
LD1580XX33 LD1580XX30 LD1580XX25 LD1580XX18 LD1580 |
7A VERY LOW DROP VOLTAGE REGULATOR ADJUSTABLE AND FIXED 7A VERY LOW DROP VOLTAGE REGULATOR ADJUSTABLE AND FIXED 7 A VERY LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED 5.0 AMP POSITIVE VOLTAGE REGULATOR 5.0放大器正电压稳压
|
SGS Thomson Microelectronics ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
TS29153CZ5-50 TS29151 TS29151CM5 TS29151CM5-05 TS2 |
CAP TANT 33UF 10V 20% POLY SMD 1.5A的超低压差正电压稳压 5.0 AMP POSITIVE VOLTAGE REGULATOR 5.0放大器正电压稳压 1.5A Ultra Low Dropout Positive Voltage Regulator Analog IC: Low Drop Out Voltage Regulators
|
Taiwan Semiconductor Co., Ltd. TSC[Taiwan Semiconductor Company, Ltd]
|
KIA78R06API KIA78R08API KIA78R05API KIA78R09API KI |
1A 4-Terminal Low Drop(ON/OFF Controllable) Quadruple 2-Input Positive-OR Gates 14-TSSOP -40 to 85 BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL LOW DROP VOLTAGE REGULATOR)
|
Korea Electronics (KEC) KEC Holdings
|
RE028 |
RE028 [Updated 3/03. 9 Pages] The RE028 is a Low Drop Out (LDO) voltage regulator macrocell with a fixed 4.5V output voltage. rated for loads up The RE028 is a Low Drop Out (LDO) voltage regulator macrocell with a fixed 4.5V output voltage, rated for loads up to 300 mA. It is designed to supply radio frequency synthesizers and used as a controller for the antenna switch.
|
Atmel
|
LX8585A-00CDD LX8585A-00 LX8585A-00CP LX8585A-15 L |
4.6A LOW DROPOUT POSITIVE REGULATORS 4.6a进入阳性率低压差调节器 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS Positive Adjustable Voltage Regulator From old datasheet system Low Drop Out Regulator - Positive Adjustable Low Drop Out Regulator - Positive Fixed
|
MICROSEMI CORP-ANALOG MIXED SIGNAL GROUP Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
LD2985AM50R LD2985AM40R LD2985BXX50 LD2985BXX47 LD |
VERY LOW DROP AND LOW NOISE VOLTAGE REGULATO WITH INHIBIT FUNCTION VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
|
SGS Thomson Microelectronics ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 ??????浣?
|
RE023 |
RE023 [Updated 2/03. 9 Pages] The RE023 is a Low Drop Out (LDO) voltage regulator macrocell with a fixed 2.6V output voltage. rated for loads of up Embedded ASIC Macrocell: Power Management for Mobile Terminals (PM), RE023 Fixed 2.6V 160 mA LDO Voltage Regulator A Low Drop Out (LDO) voltage regulator macrocell with a fixed 2.6V output voltage, rated for loads of up to 160 mA. A typical application is radio section supply in mobile terminals.
|
ATMEL[ATMEL Corporation]
|
RE025 |
RE025 [Updated 2/03. 10 Pages] The RE025 is a Low Drop Out (LDO) voltage regulator macrocell with programmable 2.8V or 2.9V output voltages. rated A Low Drop Out (LDO) voltage regulator macrocell with programmable 2.8V or 2.9V output voltages, rated for loads of up to 30 mA. A typical application is radio section supply in mobile terminals.
|
Atmel
|
MC78PC50NTRG MC78PC18NTRG MC78PC30NTR MC78PC30NTRG |
Low Noise 150 mA Low Drop Out (LDO) Linear Voltage Regulator 150mA, 5.0V Output, Low Drop Out CMOS Linear Voltage Regulator; Pb Free Device; Package: SOT-23 5 LEAD; No of Pins: 5; Container: Tape and Reel; Qty per Container: 3000 5 V FIXED POSITIVE LDO REGULATOR, 0.26 V DROPOUT, PDSO5 150mA, 1.8V, Low Noise Low Drop Out (LDO) Linear Voltage Regulator -Pb Free Device; Package: SOT-23 5 LEAD; No of Pins: 5; Container: Tape and Reel; Qty per Container: 3000 1.8 V FIXED POSITIVE LDO REGULATOR, 1.4 V DROPOUT, PDSO5
|
ON Semiconductor
|